Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 363 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 363 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 359Page - Texas Instruments TMS320F Datasheet HTML 360Page - Texas Instruments TMS320F Datasheet HTML 361Page - Texas Instruments TMS320F Datasheet HTML 362Page - Texas Instruments TMS320F Datasheet HTML 363Page - Texas Instruments TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments TMS320F Datasheet HTML 366Page - Texas Instruments TMS320F Datasheet HTML 367Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 389 page
background image
Glossary
D-3
Glossary
C
C bit:
See
carry bit.
CALU:
See
central arithmetic logic unit (CALU).
carry bit:
Bit 9 of status register ST1; used by the CALU for extended
arithmetic operations and accumulator shifts and rotates. The carry bit
can be tested by conditional instructions.
central arithmetic logic unit (CALU):
The 32-bit wide main arithmetic logic
unit for the ’C24x CPU that performs arithmetic and logic operations. It
accepts 32-bit values for operations, and its 32-bit output is held in the
accumulator.
CLKIN:
Input clock signal. A clock source signal supplied to the on-chip
clock generator at the CLKIN/X2 pin or generated internally by the
on-chip oscillator. The clock generator divides or multiplies CLKIN to
produce the CPU clock signal, CLKOUT1.
CLKOUT:
Master clock output signal. The output signal of the on-chip clock
generator. The CLKOUT1 high pulse signifies the CPU’s logic phase
(when internal values are changed), and the CLKOUT1 low pulse
signifies the CPU’s latch phase (when the values are held constant).
clock mode (clock generator):
One of the modes which sets the internal
CPU clock frequency to a fraction or multiple of the frequency of the input
clock signal CLKIN.
CNF bit:
DARAM configuration bit. Bit 12 in status register ST1. CNF is used
to determine whether the on-chip RAM block B0 is mapped to program
space or data space.
codec:
A device that codes in one direction of transmission and decodes in
another direction of transmission.
COFF:
Common object file format. A system of files configured according to
a standard developed by AT&T. These files are relocatable in memory
space.
context saving/restoring:
Saving the system status when the device
enters a subroutine (such as an interrupt service routine) and restoring
the system status when exiting the subroutine. On the ’C24x, only the
program counter value is saved and restored automatically; other
context saving and restoring must be performed by the subroutine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com