Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 342 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 342 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments TMS320F Datasheet HTML 342Page - Texas Instruments TMS320F Datasheet HTML 343Page - Texas Instruments TMS320F Datasheet HTML 344Page - Texas Instruments TMS320F Datasheet HTML 345Page - Texas Instruments TMS320F Datasheet HTML 346Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 389 page
background image
Emulation Timing Calculations
C-7
Design Considerations for Using the XDS510 Emulator
C.5 Emulation Timing Calculations
The examples in this section help you calculate emulation timings in your sys-
tem. For actual target timing parameters, see the appropriate data sheet for
the device you are emulating.
The examples use the following assumptions:
tsu(TTMS)
Setup time, target TMS or TDI to TCK
high
10 ns
td(TTDO)
Delay time, target TDO from TCK low
15 ns
td(bufmax)
Delay time, target buffer maximum
10 ns
td(bufmin)
Delay time, target buffer minimum
1 ns
tbufskew
Skew time, target buffer between two de-
vices in the same package:
[td(bufmax) – td(bufmin)] × 0.15
1.35 ns
tTCKfactor
Duty cycle, assume a 40/60% duty cycle
clock
0.4
(40%)
Also, the examples use the following values from Table C–2 on page C-6:
td(TMSmax)
Delay time, emulator TMS or TDI from
TCK_RET low, maximum
20 ns
tsu(TDOmin)
Setup time, TDO to emulator TCK_RET
high, minimum
3 ns
There are two key timing paths to consider in the emulation design:
- TheTCK_RET-to-TMSorTDIpath,calledtpd(TCK_RET-TMS/TDI)(propaga-
tion delay time)
- The TCK_RET-to-TDO path, called tpd(TCK_RET-TDO)
In the examples, the worst-case path delay is calculated to determine the
maximum system test clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com