Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 338 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 338 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 334Page - Texas Instruments TMS320F Datasheet HTML 335Page - Texas Instruments TMS320F Datasheet HTML 336Page - Texas Instruments TMS320F Datasheet HTML 337Page - Texas Instruments TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments TMS320F Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 389 page
background image
Designing Your Target System’s Emulator Connector (14-Pin Header)
C-3
Design Considerations for Using the XDS510 Emulator
Table C–1. 14-Pin Header Signal Descriptions
Signal
Description
Emulator†
State
Target†
State
EMU0
Emulation pin 0
I
I/O
EMU1
Emulation pin 1
I
I/O
GND
Ground
PD(VCC)
Presence detect. Indicates that the emulation
cable is connected and that the target is
powered up. PD must be tied to VCC in the tar-
get system.
IO
TCK
Test clock. TCK is a 10.368-MHz clock
source from the emulation cable pod. This
signal can be used to drive the system test
clock.
O
I
TCK_RET
Test clock return. Test clock input to the emu-
lator. May be a buffered or unbuffered version
of TCK.
IO
TDI
Test data input
O
I
TDO
Test data output
I
O
TMS
Test mode select
O
I
TRST‡
Test reset
O
I
† I = input; O = output
‡ Do not use pullup resistors on TRST: it has an internal pulldown device. In a low-noise
environment, TRST can be left floating. In a high-noise environment, an additional pulldown
resistor may be needed. (The size of this resistor should be based on electrical current
considerations.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com