Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 340 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 340 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 336Page - Texas Instruments TMS320F Datasheet HTML 337Page - Texas Instruments TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments TMS320F Datasheet HTML 342Page - Texas Instruments TMS320F Datasheet HTML 343Page - Texas Instruments TMS320F Datasheet HTML 344Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 389 page
background image
Emulator Cable Pod
C-5
Design Considerations for Using the XDS510 Emulator
C.3 Emulator Cable Pod
Figure C–2 shows a portion of the emulator cable pod. The functional features
of the pod are:
- TDO and TCK_RET can be parallel-terminated inside the pod if required
by the application. By default, these signals are not terminated.
- TCK is driven with a 74LVT240 device. Because of the high-current drive
(32-mA IOL/IOH), this signal can be parallel-terminated. If TCK is tied to
TCK_RET, you can use the parallel terminator in the pod.
- TMS and TDI can be generated from the falling edge of TCK_RET, accord-
ing to the IEEE 1149.1 bus slave device timing rules.
- TMS and TDI are series terminated to reduce signal reflections.
- A 10.368-MHz test clock source is provided. You can also provide your
own test clock for greater flexibility.
Figure C–2. Emulator Cable Pod Interface
100
Ω
TL7705A
RESIN
270
Ω
JP2
180
Ω
TCK_RET (pin 9){
EMU1 (pin 14)
EMU0 (pin 13)
74AS1034
GND (pins 4,6,8,10,12)
TRST (pin 2)
TCK (pin 11){
10.368 MHz
33
Ω
33
Ω
TDI (pin 3)
TMS (pin 1)
TDO (pin 7)
74LVT240
180
Ω
JP1
270
Ω
74F175
Q
Q
D
PD(VCC) (pin 5)
5 V
5 V
74AS1004
Y
Y
Y
Y
A
† The emulator pod uses TCK_RET as its clock source for internal synchronization. TCK is provided as an
optional target system test clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com