Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 333 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 333 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 329Page - Texas Instruments TMS320F Datasheet HTML 330Page - Texas Instruments TMS320F Datasheet HTML 331Page - Texas Instruments TMS320F Datasheet HTML 332Page - Texas Instruments TMS320F Datasheet HTML 333Page - Texas Instruments TMS320F Datasheet HTML 334Page - Texas Instruments TMS320F Datasheet HTML 335Page - Texas Instruments TMS320F Datasheet HTML 336Page - Texas Instruments TMS320F Datasheet HTML 337Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 389 page
background image
B-1
Appendix A
Submitting ROM Codes to TI
The size of a printed circuit board is a consideration in many DSP applications.
To make full use of the board space, Texas Instruments offers a ROM code
option that reduces the chip count and provides a single-chip solution. This
option allows you to use a code-customized processor for a specific applica-
tion while taking advantage of:
- Greater memory expansion
- Lower system cost
- Less hardware and wiring
- Smaller PCB
If a routine or algorithm is used often, it can be programmed into the on-chip
ROM of a TMS320 DSP. TMS320 programs can also be expanded by using
external memory; this reduces chip count and allows for a more flexible pro-
gram memory. Multiple functions are easily implemented by a single device,
thus enhancing system capabilities.
TMS320 development tools are used to develop, test, refine, and finalize the
algorithms. The microprocessor/microcomputer (MP/MC) mode is available
on some ROM-coded TMS320 DSP devices when accesses to either on-chip
or off-chip memory are required. The microprocessor mode is used to develop,
test, and refine a system application. In this mode of operation, the TMS320
acts as a standard microprocessor by using external program memory. When
the algorithm has been finalized, the code can be submitted to Texas Instru-
ments for masking into the on-chip program ROM. At that time, the TMS320
becomes a microcomputer that executes customized programs from the on-
chip ROM. Should the code need changing or upgrading, the TMS320 can
once again be used in the microprocessor mode. This shortens the field-
upgrade time and prevents the possibility of inventory obsolescence.
Figure B–1 illustrates the procedural flow for developing and ordering
TMS320 masked parts. When ordering, there is a one-time, nonrefundable
charge for mask tooling. A minimum production order per year is required for
any masked-ROM device. ROM codes will be deleted from the TI system one
year after the final delivery.
Appendix B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com