Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 120 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 116Page - Texas Instruments TMS320F Datasheet HTML 117Page - Texas Instruments TMS320F Datasheet HTML 118Page - Texas Instruments TMS320F Datasheet HTML 119Page - Texas Instruments TMS320F Datasheet HTML 120Page - Texas Instruments TMS320F Datasheet HTML 121Page - Texas Instruments TMS320F Datasheet HTML 122Page - Texas Instruments TMS320F Datasheet HTML 123Page - Texas Instruments TMS320F Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 389 page
background image
ABS
Absolute Value of Accumulator
7-20
Syntax
ABS
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
0
0
0
0
0
0
0
1
1
1
1
1
0
1
Execution
Increment PC, then ...
|(ACC)|
→ ACC; 0 → C
Status Bits
Affected by
Affects
OVM
C and OV
This instruction is not affected by SXM
Description
If the contents of the accumulator are greater than or equal to zero, the accu-
mulator is unchanged by the execution of ABS. If the contents of the accumula-
tor are less than zero, the accumulator is replaced by its 2s-complement value.
The carry bit (C) on the ’C20x is always reset to zero by the execution of this
instruction.
Note that 8000 0000h is a special case. When the overflow mode is not set
(OVM = 0), the ABS of 8000 0000h is 8000 0000h. When the overflow mode
is set (OVM = 1), the ABS of 8000 0000h is 7FFF FFFFh. In either case, the
OV status bit is set.
Words
1
Cycles for a Single ABS Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Cycles for a Repeat (RPT) Execution of an ABS Instruction
ROM
DARAM
SARAM
External
n
n
n
n+p
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com