Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 116 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 112Page - Texas Instruments TMS320F Datasheet HTML 113Page - Texas Instruments TMS320F Datasheet HTML 114Page - Texas Instruments TMS320F Datasheet HTML 115Page - Texas Instruments TMS320F Datasheet HTML 116Page - Texas Instruments TMS320F Datasheet HTML 117Page - Texas Instruments TMS320F Datasheet HTML 118Page - Texas Instruments TMS320F Datasheet HTML 119Page - Texas Instruments TMS320F Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 389 page
background image
How To Use the Instruction Descriptions
7-16
7.2.7
Words
The words category specifies the number of memory words required to store
the instruction (one or two). When the number of words depends on the ad-
dressing mode used for an instruction, the words category specifies which ad-
dressing modes require one word and which require two words.
7.2.8
Cycles
The cycles category of each instruction description contains tables showing
the number of processor machine cycles (CLKOUT1 periods) required for the
instruction to execute in a given memory configuration when executed as a
single instruction or when repeated with the RPT instruction. For example:
Cycles for a Single Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1
1+p
External
1+d
1+d
1+d
2+d+p
Cycles for a Repeat (RPT) Execution of an Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n
n+p
External
n+nd
n+nd
n+nd
n+1+p+nd
The column headings in these tables indicate the program source location,
defined as follows:
ROM
The instruction executes from internal program ROM.
DARAM
The instruction executes from internal dual-access program
RAM.
SARAM
The instruction executes from internal single-access program
RAM.
External
The instruction executes from external program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com