Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 112 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 108Page - Texas Instruments TMS320F Datasheet HTML 109Page - Texas Instruments TMS320F Datasheet HTML 110Page - Texas Instruments TMS320F Datasheet HTML 111Page - Texas Instruments TMS320F Datasheet HTML 112Page - Texas Instruments TMS320F Datasheet HTML 113Page - Texas Instruments TMS320F Datasheet HTML 114Page - Texas Instruments TMS320F Datasheet HTML 115Page - Texas Instruments TMS320F Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 389 page
background image
How To Use the Instruction Descriptions
7-12
7.2
How To Use the Instruction Descriptions
Section 7.3 contains detailed information on the instruction set. The descrip-
tion for each instruction presents the following categories of information:
- Syntax
- Operands
- Opcode
- Execution
- Status Bits
- Description
- Words
- Cycles
- Examples
7.2.1
Syntax
Each instruction begins with a list of the available assembler syntax expres-
sions and the addressing mode type(s) for each expression. For example, the
description for the ADD instruction begins with:
ADD
dma [, shift ]
Direct addressing
ADD
dma, 16
Direct with left shift of 16
ADD
ind [, shift [, ARn] ]
Indirect addressing
ADD
ind, 16 [, ARn]
Indirect with left shift of 16
ADD #
k
Short immediate addressing
ADD #
lk [, shift ]
Long immediate addressing
These are the notations used in the syntax expressions:
italic
symbols
Italic symbols in an instruction syntax represent variables.
Example:
For the syntax
ADD
dma
you may use a variety of values for
dma.
Samples with this syntax follow:
ADD DAT
ADD 15
boldface
characters
Boldface characters in an instruction syntax must be typed as
shown.
Example:
For the syntax
ADD
dma, 16
you may use a variety of values for
dma, but the
word ADD and the number 16 must be typed
as shown. Samples with this syntax follow:
ADD 7h, 16
ADD X, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com