Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 113 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 109Page - Texas Instruments TMS320F Datasheet HTML 110Page - Texas Instruments TMS320F Datasheet HTML 111Page - Texas Instruments TMS320F Datasheet HTML 112Page - Texas Instruments TMS320F Datasheet HTML 113Page - Texas Instruments TMS320F Datasheet HTML 114Page - Texas Instruments TMS320F Datasheet HTML 115Page - Texas Instruments TMS320F Datasheet HTML 116Page - Texas Instruments TMS320F Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 389 page
background image
How To Use the Instruction Descriptions
7-13
Assembly Language Instructions
[, x]
Operand x is optional.
Example:
For the syntax
ADD
dma, [, shift]
you must supply
dma, as in the instruction:
ADD 7h
and you have the option of adding a
shift value,
as in the instruction:
ADD 7h, 5
[, x1 [, x2]]
Operands x1 and x2 are optional, but you cannot include x2
without also including x1.
Example:
For the syntax
ADD
ind, [, shift [, ARn]]
you must supply
ind, as in the instruction:
ADD *+
You have the option of including
shift,
as in the instruction:
ADD *+, 5
If you wish to include AR
n, you must also
include
shift, as in:
ADD *+, 0, AR2
#
The # symbol is a prefix for constants used in immediate
addressing. For short- or long- immediate operands, it is
used in instructions where there is ambiguity with other
addressing modes.
Example:
RPT #15
uses short immediate addressing. It
causes the next instruction to be repeated
16 times. But RPT 15 uses direct addressing.
The number of times the next instruction
repeats is determined by a value stored in
memory.
Finally, consider this code example:
MoveData
BLDD
DAT5, #310h
;move data at address
;referenced by DAT5 to address
;310h.
Note the optional MoveData label is used as a reference in front of the instruc-
tion mnemonic. Place labels either before the instruction mnemonic on the
same line or on the preceding line in the first column. (Be sure there are no
spaces in your labels.) An optional comment field can conclude the syntax
expression. At least one space is required between fields (label, mnemonic,
operand, and comment).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com