Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 115 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 111Page - Texas Instruments TMS320F Datasheet HTML 112Page - Texas Instruments TMS320F Datasheet HTML 113Page - Texas Instruments TMS320F Datasheet HTML 114Page - Texas Instruments TMS320F Datasheet HTML 115Page - Texas Instruments TMS320F Datasheet HTML 116Page - Texas Instruments TMS320F Datasheet HTML 117Page - Texas Instruments TMS320F Datasheet HTML 118Page - Texas Instruments TMS320F Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 389 page
background image
How To Use the Instruction Descriptions
7-15
Assembly Language Instructions
The field called dma contains the value
dma, which is defined in the operands
category. The contents of the fields ARU, N, and NAR are derived from the op-
erands
ind and n but do not directly correspond to those operands; therefore,
a note directs you to the appropriate section for more details.
7.2.4
Execution
The execution category presents an instruction operation sequence that de-
scribes the processing that takes place when the instruction is executed. If the
execution event or events depend on the addressing mode used, the execu-
tion category specifies which events are associated with which addressing
modes. Here are notations used in the execution category:
(r)
The content of register or location r.
Example:
(ACC) represents the value in the accumulator.
x
→ y
Value x is assigned to register or location y.
Example:
(data-memory address)
→ ACC means:
The content of the specified data-memory
address is put into the accumulator.
r(n:m)
Bits n through m of register or location r.
Example:
ACC(15:0) represents bits 15 through 0 of the
accumulator.
(r(n:m))
The content of bits n through m of register or location r.
Example:
(ACC(31:16)) represents the content of bits 31
through 16 of the accumulator.
nnh
Indicates that nn represents a hexadecimal number.
7.2.5
Status Bits
The bits in status registers ST0 and ST1 affect the operation of certain instruc-
tions and are affected by certain instructions. The status bits category of each
instruction description states which of the bits (if any) affect the execution of
the instruction and which of the bits (if any) are affected by the instruction.
7.2.6
Description
The description category explains what happens during instruction execution
and its effect on the rest of the processor or on memory contents. It also dis-
cusses any constraints on the operands imposed by the processor or the as-
sembler. This description parallels and supplements the information given in
the execution category.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com