Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 119 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 115Page - Texas Instruments TMS320F Datasheet HTML 116Page - Texas Instruments TMS320F Datasheet HTML 117Page - Texas Instruments TMS320F Datasheet HTML 118Page - Texas Instruments TMS320F Datasheet HTML 119Page - Texas Instruments TMS320F Datasheet HTML 120Page - Texas Instruments TMS320F Datasheet HTML 121Page - Texas Instruments TMS320F Datasheet HTML 122Page - Texas Instruments TMS320F Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 389 page
background image
Instruction Descriptions
7-19
Assembly Language Instructions
- The instruction specifies an increment of 1 for the contents of the current
auxiliary register (*+); therefore, after the addition is performed, the con-
tent of AR4 is incremented to 0303h.
- The instruction also specifies that AR0 is the next auxiliary register; there-
fore, after the instruction ARP = 0.
- Because no carry is generated during the addition, the carry bit (C) is
cleared to 0.
7.3
Instruction Descriptions
This section contains detailed information on the instruction set for the ’C240.
A summary of the instruction set is shown in Section 7.1 on page 7-2. The
instructions are presented alphabetically, and the description for each instruc-
tion presents the following categories of information:
- Syntax
- Operands
- Opcode
- Execution
- Status Bits
- Description
- Words
- Cycles
- Examples
For a description of how to use each of these categories, see Section 7.2 on
page 7-12.
How To Use the Instruction Descriptions / Instruction Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com