Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 123 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 119Page - Texas Instruments TMS320F Datasheet HTML 120Page - Texas Instruments TMS320F Datasheet HTML 121Page - Texas Instruments TMS320F Datasheet HTML 122Page - Texas Instruments TMS320F Datasheet HTML 123Page - Texas Instruments TMS320F Datasheet HTML 124Page - Texas Instruments TMS320F Datasheet HTML 125Page - Texas Instruments TMS320F Datasheet HTML 126Page - Texas Instruments TMS320F Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 389 page
background image
Add to Accumulator
ADD
7-23
Assembly Language Instructions
Execution
Increment PC, then ...
Event
Addressing mode
(ACC) + ( (data-memory address)
 2shift ) → ACC
Direct or indirect
(ACC) + ( (data-memory address)
 216 ) → ACC
Direct or indirect
(shift of 16)
(ACC) + k
→ ACC
Short immediate
(ACC) + lk
 2shift → ACC
Long immediate
Status Bits
Affected by
Affects
Addressing mode
SXM and OVM
C and OV
Direct or indirect
OVM
C and OV
Short immediate
SXM and OVM
C and OV
Long immediate
Description
The content of the addressed data memory location or an immediate constant
is left-shifted and added to the accumulator. During shifting, low-order bits are
zero filled. High-order bits are sign extended if SXM = 1 and zero filled if
SXM = 0. The result is stored in the accumulator. When short immediate ad-
dressing is used, the addition is unaffected by SXM and is not repeatable.
If you are using indirect addressing and update the ARP, you must specify a
shift operand. However, if you do not want a shift to occur, enter a 0 for this
operand. For example:
ADD *+,0,AR2
Normally, the carry bit is set (C = 1) if the result of the addition generates a carry
and is cleared (C = 0) if it does not generate a carry. However, when adding
with a shift of 16, the carry bit is set if a carry is generated but otherwise, the
carry bit is unaffected. This allows the accumulator to generate the proper
single carry when adding a 32-bit number to the accumulator.
Words
Words
Addressing mode
1
Direct, indirect, or
short immediate
2
Long immediate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com