Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 129 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 125Page - Texas Instruments TMS320F Datasheet HTML 126Page - Texas Instruments TMS320F Datasheet HTML 127Page - Texas Instruments TMS320F Datasheet HTML 128Page - Texas Instruments TMS320F Datasheet HTML 129Page - Texas Instruments TMS320F Datasheet HTML 130Page - Texas Instruments TMS320F Datasheet HTML 131Page - Texas Instruments TMS320F Datasheet HTML 132Page - Texas Instruments TMS320F Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 389 page
background image
Add to Accumulator With Sign Extension Suppressed
ADDS
7-29
Assembly Language Instructions
Cycles for a Repeat (RPT) Execution of an ADDS Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+1†
n+p
External
n+nd
n+nd
n+nd
n+1+p+nd
† If the operand and the code are in the same SARAM block
Example 1
ADDS
0
;(DP = 6: addresses 0300h–037Fh)
Before Instruction
After Instruction
Data Memory
Data Memory
300h
0F006h
300h
0F006h
ACC
X
00000003h
ACC
0
0000F009h
CC
Example 2
ADDS
*
Before Instruction
After Instruction
ARP
0
ARP
0
AR0
0300h
AR0
0300h
Data Memory
Data Memory
300h
0FFFFh
300h
0FFFFh
ACC
X
7FFF0000h
ACC
0
7FFFFFFFh
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com