Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 130 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 130 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 126Page - Texas Instruments TMS320F Datasheet HTML 127Page - Texas Instruments TMS320F Datasheet HTML 128Page - Texas Instruments TMS320F Datasheet HTML 129Page - Texas Instruments TMS320F Datasheet HTML 130Page - Texas Instruments TMS320F Datasheet HTML 131Page - Texas Instruments TMS320F Datasheet HTML 132Page - Texas Instruments TMS320F Datasheet HTML 133Page - Texas Instruments TMS320F Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 389 page
background image
ADDT
Add to Accumulator With Shift Specified by TREG
7-30
Syntax
ADDT
dma
Direct addressing
ADDT
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
ADDT
dma
15
14
13
12
11
10
987
6543
210
0
1
1
0
0
0
1
1
0
dma
ADDT
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
1
1
0
0
0
1
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
(ACC) + [(data-memory address)
 2(TREG(3:0))] → (ACC)
Status Bits
Affected by
Affects
SXM and OVM
C and OV
Description
The data-memory value is left shifted and added to the accumulator, and the
result replaces the accumulator contents. The left shift is defined by the four
LSBs of the TREG, resulting in shift options from 0 to 15 bits. Sign extension
on the data-memory value is controlled by SXM. The carry bit (C) is set when
a carry is generated out of the MSB of the accumulator; if no carry is generated,
the carry bit is cleared.
Words
1
Cycles for a Single ADDT Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 2†
1+p
External
1+d
1+d
1+d
2+d+p
† If the operand and the code are in the same SARAM block.
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com