Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 136 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 136 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 132Page - Texas Instruments TMS320F Datasheet HTML 133Page - Texas Instruments TMS320F Datasheet HTML 134Page - Texas Instruments TMS320F Datasheet HTML 135Page - Texas Instruments TMS320F Datasheet HTML 136Page - Texas Instruments TMS320F Datasheet HTML 137Page - Texas Instruments TMS320F Datasheet HTML 138Page - Texas Instruments TMS320F Datasheet HTML 139Page - Texas Instruments TMS320F Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 389 page
background image
APAC
Add PREG to Accumulator
7-36
Syntax
APAC
Operands
None
15
14
13
12
11
10
987
6543
210
1
0
1
1
1
1
1
0
0
0
0
0
0
1
0
0
Execution
Increment PC, then ...
(ACC) + shifted (PREG)
→ ACC
Status Bits
Affected by
Affects
PM and OVM
C and OV
This instruction is not affected by SXM.
Description
The contents of PREG are shifted as defined by the PM status bits of the ST1
register (see Table 7–7) and added to the contents of the accumulator. The re-
sult is placed in the accumulator. APAC is not affected by the SXM bit of the
status register. PREG is always sign extended. The task of the APAC instruc-
tion is also performed as a subtask of the LTA, LTD, MAC, MACD, MPYA, and
SQRA instructions.
Table 7–7. Product Shift Modes
PM Bits
Bit 1
Bit 0
Resulting Shift
0
0
No shift
0
1
Left shift of 1 bit
1
0
Left shift of 4 bits
1
1
Right shift of 6 bits
Words
1
Cycles for a Single APAC Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Cycles for a Repeat (RPT) Execution of an APAC Instruction
ROM
DARAM
SARAM
External
n
n
n
n+p
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com