Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 138 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 134Page - Texas Instruments TMS320F Datasheet HTML 135Page - Texas Instruments TMS320F Datasheet HTML 136Page - Texas Instruments TMS320F Datasheet HTML 137Page - Texas Instruments TMS320F Datasheet HTML 138Page - Texas Instruments TMS320F Datasheet HTML 139Page - Texas Instruments TMS320F Datasheet HTML 140Page - Texas Instruments TMS320F Datasheet HTML 141Page - Texas Instruments TMS320F Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 389 page
background image
B
Branch Unconditionally
7-38
Syntax
B
pma [, ind [, ARn] ]
Indirect addressing
Operands
pma:
16-bit program-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
B
pma [, ind [, ARn] ]
15
14
13
12
11
10
987
6543
210
0
1
1
1
1
0
0
1
1
ARU
N
NAR
pma
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
pma
→ PC
Modify (current AR) and (ARP) as specified.
Status Bits
None
Description
The current auxiliary register and ARP contents are modified as specified, and
control is passed to the designated program-memory address (pma). The pma
can be either a symbolic or numeric address.
Words
2
Cycles for a Single B Instruction
ROM
DARAM
SARAM
External
4
4
4
4+4p
Note:
When this instruction reaches the execute phase of the pipeline, two additional instruc-
tion words have entered the pipeline. When the PC discontinuity is taken, these two
instruction words are discarded.
Example
B
191,*+,AR1
The value 191 is loaded into the program counter, and the program continues
to execute from that location. The current auxiliary register is incremented by
1, and ARP is set to point to auxiliary register 1 (AR1).
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com