Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 140 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 140 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 136Page - Texas Instruments TMS320F Datasheet HTML 137Page - Texas Instruments TMS320F Datasheet HTML 138Page - Texas Instruments TMS320F Datasheet HTML 139Page - Texas Instruments TMS320F Datasheet HTML 140Page - Texas Instruments TMS320F Datasheet HTML 141Page - Texas Instruments TMS320F Datasheet HTML 142Page - Texas Instruments TMS320F Datasheet HTML 143Page - Texas Instruments TMS320F Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 389 page
background image
BANZ
Branch on Auxiliary Register Not Zero
7-40
Syntax
BANZ
pma [, ind [, ARn] ]
Indirect addressing
Operands
pma:
16-bit program-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
BANZ
pma [, ind [,ARn] ]
15
14
13
12
11
10
987
6543
210
0
1
1
1
1
0
1
1
1
ARU
N
NAR
pma
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
If (current AR)
≠ 0
Then pma
→ PC
Else (PC) + 2
→ PC
Modify (current AR) and (ARP) as specified
Status Bits
None
Description
Control is passed to the designated program-memory address (pma) if the
contents of the current auxiliary register are not zero. Otherwise, control
passes to the next instruction.The default modification to the current AR is a
decrement by one. N loop iterations can be executed by initializing an auxiliary
register (as a loop counter) to N–1 prior to loop entry. The pma can be either
a symbolic or a numeric address.
Words
2
Cycles for a Single BANZ Instruction
Condition
ROM
DARAM
SARAM
External
True
4
4
4
4+4p
False
2
2
2
2+2p
Note:
The ’C20x performs speculative fetching by reading two additional instruction words. If
the PC discontinuity is taken, these two instruction words are discarded.
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com