Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 237 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 237 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 233Page - Texas Instruments TMS320F Datasheet HTML 234Page - Texas Instruments TMS320F Datasheet HTML 235Page - Texas Instruments TMS320F Datasheet HTML 236Page - Texas Instruments TMS320F Datasheet HTML 237Page - Texas Instruments TMS320F Datasheet HTML 238Page - Texas Instruments TMS320F Datasheet HTML 239Page - Texas Instruments TMS320F Datasheet HTML 240Page - Texas Instruments TMS320F Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 389 page
background image
Pop Top of Stack to Data Memory
POPD
7-137
Assembly Language Instructions
Cycles for a Repeat (RPT) Execution of a POPD Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+2†
n+p
External
2n+nd
2n+nd
2n+nd
2n+2+nd+p
† If the operand and the code are in the same SARAM block
Example 1
POPD
DAT10
;(DP = 8)
Before Instruction
After Instruction
Data Memory
Data Memory
40Ah
55h
40Ah
92h
Stack
92h
Stack
72h
72h
8h
8h
44h
44h
81h
81h
75h
75h
32h
32h
0AAh
0AAh
0AAh
Example 2
POPD
*+,AR1
Before Instruction
After Instruction
ARP
0
ARP
1
AR0
300h
AR0
301h
Data Memory
Data Memory
300h
55h
300h
92h
Stack
92h
Stack
72h
72h
8h
8h
44h
44h
81h
81h
75h
75h
32h
32h
0AAh
0AAh
0AAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com