Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 241 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 241 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 237Page - Texas Instruments TMS320F Datasheet HTML 238Page - Texas Instruments TMS320F Datasheet HTML 239Page - Texas Instruments TMS320F Datasheet HTML 240Page - Texas Instruments TMS320F Datasheet HTML 241Page - Texas Instruments TMS320F Datasheet HTML 242Page - Texas Instruments TMS320F Datasheet HTML 243Page - Texas Instruments TMS320F Datasheet HTML 244Page - Texas Instruments TMS320F Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 389 page
background image
Return From Subroutine
RET
7-141
Assembly Language Instructions
Syntax
RET
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
0
0
0
0
0
0
1
1
1
1
0
1
1
1
Execution
(TOS)
→ PC
Pop stack one level.
Status Bits
None
Description
The contents of the top stack register are copied into the program counter. The
remaining stack values are then copied up one level. RET concludes subrou-
tines and interrupt service routines to return program control to the calling or
interrupted program sequence.
Words
1
Cycles for a Single RET Instruction
ROM
DARAM
SARAM
External
4
4
4
4+3p
Note:
When this instruction reaches the execute phase of the pipeline, two additional instruc-
tion words have entered the pipeline. When the PC discontinuity is taken, these two
instruction words are discarded.
Example
RET
Before Instruction
After Instruction
PC
96h
PC
37h
Stack
37h
Stack
45h
45h
75h
75h
21h
21h
3Fh
3Fh
45h
45h
6Eh
6Eh
6Eh
6Eh
6Eh
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com