Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 245 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 245 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 241Page - Texas Instruments TMS320F Datasheet HTML 242Page - Texas Instruments TMS320F Datasheet HTML 243Page - Texas Instruments TMS320F Datasheet HTML 244Page - Texas Instruments TMS320F Datasheet HTML 245Page - Texas Instruments TMS320F Datasheet HTML 246Page - Texas Instruments TMS320F Datasheet HTML 247Page - Texas Instruments TMS320F Datasheet HTML 248Page - Texas Instruments TMS320F Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 389 page
background image
Repeat Next Instruction
RPT
7-145
Assembly Language Instructions
Syntax
RPT
dma
Direct addressing
RPT
ind [, ARn]
Indirect addressing
RPT #
k
Short immediate
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
k:
8-bit short immediate value
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
RPT
dma
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
0
1
1
0
dma
RPT
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
0
1
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
RPT #
k
15
14
13
12
11
10
987
6543
210
1
0
1
1
1
0
1
1
k
Execution
Increment PC, then ...
Event
Addressing mode
(data-memory address)
→ RPTC
Direct or indirect
k
→ RPTC
Short immediate
Status Bits
None
Description
The repeat counter (RPTC) is loaded with the content of the addressed data-
memory location if direct or indirect addressing is used; it is loaded with an 8-bit
immediate value if short immediate addressing is used. The instruction follow-
ing the RPT is repeated
n times, where n is the initial value of the RPTC plus
1. Since the RPTC cannot be saved during a context switch, repeat loops are
regarded as multicycle instructions and are not interruptible. The RPTC is
cleared to 0 on a device reset.
RPT is especially useful for block moves, multiply/accumulates, and normal-
ization. The repeat instruction itself is not repeatable.
Words
1
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com