Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 242 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 242 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 238Page - Texas Instruments TMS320F Datasheet HTML 239Page - Texas Instruments TMS320F Datasheet HTML 240Page - Texas Instruments TMS320F Datasheet HTML 241Page - Texas Instruments TMS320F Datasheet HTML 242Page - Texas Instruments TMS320F Datasheet HTML 243Page - Texas Instruments TMS320F Datasheet HTML 244Page - Texas Instruments TMS320F Datasheet HTML 245Page - Texas Instruments TMS320F Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 389 page
background image
RETC
Return Conditionally
7-142
Syntax
RETC
cond 1 [, cond 2] [,...]
Operands
cond
Condition
EQ
ACC = 0
NEQ
ACC
≠ 0
LT
ACC < 0
LEQ
ACC
≤ 0
GT
ACC > 0
GEQ
ACC
≥ 0
NC
C = 0
CC =1
NOV
OV = 0
OV
OV = 1
BIO
BIO low
NTC
TC = 0
TC
TC = 1
UNC
Unconditionally
‡
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
ZLVC
ZLVC
TP
1
1
0
1
1
1
Note:
The TP and ZLVC fields are defined on pages 7-3 and 7-4.
Execution
If
cond 1 AND cond 2 AND ...
(TOS)
→ PC
Pop stack one level
Else, continue
Status Bits
None
Description
If the specified condition or conditions are met, a standard return is executed
(see the description for the RET instruction). Note that not all combinations of
conditions are meaningful. For example, testing for LT and GT is contradictory.
In addition, testing BIO is mutually exclusive to testing TC.
Words
1
Cycles for a Single RETC Instruction
Condition
ROM
DARAM
SARAM
External
True
4
4
4
4+4p
False
2
2
2
2+2p
Note:
The processor performs speculative fetching by reading two additional instruction
words. If the PC discontinuity is taken, these two instruction words are discarded.
Example
RETC
GEQ,NOV
;A return is executed if the
;accumulator content is positive
;or zero and if the OV (overflow)
;-bit is zero.
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com