Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 239 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 239 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 235Page - Texas Instruments TMS320F Datasheet HTML 236Page - Texas Instruments TMS320F Datasheet HTML 237Page - Texas Instruments TMS320F Datasheet HTML 238Page - Texas Instruments TMS320F Datasheet HTML 239Page - Texas Instruments TMS320F Datasheet HTML 240Page - Texas Instruments TMS320F Datasheet HTML 241Page - Texas Instruments TMS320F Datasheet HTML 242Page - Texas Instruments TMS320F Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 389 page
background image
Push Data-Memory Value Onto Stack
PSHD
7-139
Assembly Language Instructions
Cycles for a Repeat (RPT) Execution of a PSHD Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+1†
n+p
External
n+nd
n+nd
n+nd
n+1+nd+p
† If the operand and the code are in the same SARAM block
Example 1
PSHD
127
;(DP = 3: addresses 0180–01FFh)
Before Instruction
After Instruction
Data Memory
Data Memory
1FFh
65h
1FFh
65h
Stack
2h
Stack
65h
33h
2h
78h
33h
99h
78h
42h
99h
50h
42h
0h
50h
0h
0h
Example 2
PSHD
*,AR1
Before Instruction
After Instruction
ARP
0
ARP
1
AR0
1FFh
AR0
1FFh
Data Memory
Data Memory
1FFh
12h
1FFh
12h
Stack
2h
Stack
12h
33h
2h
78h
33h
99h
78h
42h
99h
50h
42h
0h
50h
0h
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com