Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 240 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 240 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 236Page - Texas Instruments TMS320F Datasheet HTML 237Page - Texas Instruments TMS320F Datasheet HTML 238Page - Texas Instruments TMS320F Datasheet HTML 239Page - Texas Instruments TMS320F Datasheet HTML 240Page - Texas Instruments TMS320F Datasheet HTML 241Page - Texas Instruments TMS320F Datasheet HTML 242Page - Texas Instruments TMS320F Datasheet HTML 243Page - Texas Instruments TMS320F Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 389 page
background image
PUSH
Push Low Accumulator Onto Stack
7-140
Syntax
PUSH
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
1
1
1
1
0
0
0
1
1
1
1
1
0
1
Execution
Increment PC, then...
Push all stack locations down one level
ACC(15:0)
→ TOS
Status Bits
None
Description
The stack values move down one level. Then, the content of the lower half of
the accumulator is copied onto the top of the hardware stack.
The hardware stack operates as a last-in, first-out stack with eight locations.
If more than eight pushes (due to a CALA, CALL, CC, PSHD, PUSH, TRAP,
INTR, or NMI instruction) occur before a pop, the first data values written are
lost with each succeeding push.
Words
1
Cycles for a Single PUSH Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Cycles for a Repeat (RPT) Execution of a PUSH Instruction
ROM
DARAM
SARAM
External
n
n
n
n+p
Example
PUSH
Before Instruction
After Instruction
ACC
X
7h
ACC
X
7h
CC
Stack
2h
Stack
7h
5h
2h
3h
5h
0h
3h
12h
0h
86h
12h
54h
86h
3Fh
54h
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com