Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 293 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 293 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 289Page - Texas Instruments TMS320F Datasheet HTML 290Page - Texas Instruments TMS320F Datasheet HTML 291Page - Texas Instruments TMS320F Datasheet HTML 292Page - Texas Instruments TMS320F Datasheet HTML 293Page - Texas Instruments TMS320F Datasheet HTML 294Page - Texas Instruments TMS320F Datasheet HTML 295Page - Texas Instruments TMS320F Datasheet HTML 296Page - Texas Instruments TMS320F Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 389 page
background image
Exclusive OR With Accumulator
XOR
7-193
Assembly Language Instructions
Status Bits
None
Description
With direct or indirect addressing, the low half of the accumulator value is
exclusive ORed with the content of the addressed data memory location, and
the result replaces the low half of the accumulator value; the upper half of the
accumulator value is unaffected. With immediate addressing, the long imme-
diate constant is shifted and zero filled on both ends and exclusive ORed with
the entire content of the accumulator. The carry bit (C) is unaffected by XOR.
Words
Words
Addressing mode
1
Direct or indirect
2
Long immediate
Cycles for a Single XOR Instruction (Using Direct and Indirect Addressing)
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 2†
1+p
External
1+d
1+d
1+d
2+d+p
† If the operand and the code are in the same SARAM block
Cycles for a Repeat (RPT) Execution of an XOR Instruction (Using Direct
and Indirect Addressing)
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+1†
n+p
External
n+nd
n+nd
n+nd
n+1+p+nd
† If the operand and the code are in the same SARAM block
Cycles for a Single XOR Instruction (Using Long Immediate Addressing)
ROM
DARAM
SARAM
External
2
2
2
2+2p
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com