Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 291 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 291 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 287Page - Texas Instruments TMS320F Datasheet HTML 288Page - Texas Instruments TMS320F Datasheet HTML 289Page - Texas Instruments TMS320F Datasheet HTML 290Page - Texas Instruments TMS320F Datasheet HTML 291Page - Texas Instruments TMS320F Datasheet HTML 292Page - Texas Instruments TMS320F Datasheet HTML 293Page - Texas Instruments TMS320F Datasheet HTML 294Page - Texas Instruments TMS320F Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 389 page
background image
Software Interrupt
TRAP
7-191
Assembly Language Instructions
Syntax
TRAP
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
0
0
0
1
0
1
0
0
1
1
1
1
1
0
1
Execution
(PC) + 1
→ stack
22h
→ PC
Status Bits
Not affected by INTM; does not affect INTM.
Description
The TRAP instruction is a software interrupt that transfers program control to
program-memory location 22h and pushes the program counter (PC) plus 1
onto the hardware stack. The instruction at location 22h may contain a branch
instruction to transfer control to the TRAP routine. Putting (PC + 1) onto the
stack enables a return instruction to pop the return address (which points to
the instruction after TRAP) from the stack. The TRAP instruction is not mask-
able.
Words
1
Cycles for a Single TRAP Instruction
ROM
DARAM
SARAM
External
4
4
4
4+3p†
† The processor performs speculative fetching by reading two additional instruction words. If the
PC discontinuity is taken, these two instruction words are discarded.
Example
TRAP
;PC + 1 is pushed onto the stack, and then
;control is passed to program memory location
;22h.
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com