Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 287 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 287 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 283Page - Texas Instruments TMS320F Datasheet HTML 284Page - Texas Instruments TMS320F Datasheet HTML 285Page - Texas Instruments TMS320F Datasheet HTML 286Page - Texas Instruments TMS320F Datasheet HTML 287Page - Texas Instruments TMS320F Datasheet HTML 288Page - Texas Instruments TMS320F Datasheet HTML 289Page - Texas Instruments TMS320F Datasheet HTML 290Page - Texas Instruments TMS320F Datasheet HTML 291Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 389 page
background image
Table Read
TBLR
7-187
Assembly Language Instructions
Cycles for a Repeat (RPT) Execution of a TBLR Instruction (Continued)
Program
Operand
ROM
DARAM
SARAM
External
Source: DARAM/ROM
Destination: SARAM
n+2
n+2
n+2
n+4†
n+2+pcode
Source: SARAM
Destination: SARAM
n+2
2n‡
n+2
2n‡
n+2
2n‡
2n+2§
n+2+pcode
2n‡
Source: External
Destination: SARAM
n+2+npsrc
n+2+npsrc
n+2+npsrc
n+4+npsrc†
n+2+npsrc+pcode
Source: DARAM/ROM
Destination: External
2n+2+nddst
2n+2+nddst
2n+2+nddst
2n+4+nddst+pcode
Source: SARAM
Destination: External
2n+2+nddst
2n+2+nddst
2n+2+nddst
2n+4+nddst+pcode
Source: External
Destination: External
4n+npsrc+nddst
4n+npsrc+nddst
4n+npsrc+nddst
4n+2+npsrc+nddst+
pcode
† If the destination operand and the code are in the same SARAM block
‡ If both the source and the destination operands are in the same SARAM block
§ If both operands and the code are in the same SARAM block
Example 1
TBLR
DAT6
;(DP = 4: addresses 0200h–027Fh)
Before Instruction
After Instruction
ACC
23h
ACC
23h
Program Memory
Program Memory
23h
306h
23h
306h
Data Memory
Data Memory
206h
75h
206h
306h
Example 2
TBLR
*,AR7
Before Instruction
After Instruction
ARP
0
ARP
7
AR0
300h
AR0
300h
ACC
24h
ACC
24h
Program Memory
Program Memory
24h
307h
24h
307h
Data Memory
Data Memory
300h
75h
300h
307h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com