Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 290 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 290 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 286Page - Texas Instruments TMS320F Datasheet HTML 287Page - Texas Instruments TMS320F Datasheet HTML 288Page - Texas Instruments TMS320F Datasheet HTML 289Page - Texas Instruments TMS320F Datasheet HTML 290Page - Texas Instruments TMS320F Datasheet HTML 291Page - Texas Instruments TMS320F Datasheet HTML 292Page - Texas Instruments TMS320F Datasheet HTML 293Page - Texas Instruments TMS320F Datasheet HTML 294Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 389 page
background image
TBLW
Table Write
7-190
Cycles for a Repeat (RPT) Execution of a TBLW Instruction (Continued)
Program
Operand
ROM
DARAM
SARAM
External
Source: DARAM/ROM
Destination: SARAM
n+2
n+2
n+2
n+3†
n+2+pcode
Source: SARAM
Destination: SARAM
n+2
2n‡
n+2
2n‡
n+2
2n‡
2n+1§
n+2+pcode
2n‡
Source: External
Destination: SARAM
n+2+ndsrc
n+2+ndsrc
n+2+ndsrc
n+3+ndsrc†
n+2+ndsrc+pcode
Source: DARAM/ROM
Destination: External
2n+2+npdst
2n+2+npdst
2n+2+npdst
2n+3+npdst+pcode
Source: SARAM
Destination: External
2n+2+npdst
2n+2+npdst
2n+2+npdst
2n+3+npdst+pcode
Source: External
Destination: External
4n+ndsrc+npdst
4n+ndsrc+npdst
4n+ndsrc+npdst
4n+1+ndsrc+npdst+
pcode
† If the destination operand and the code are in the same SARAM block
‡ If both the source and the destination operands are in the same SARAM block
§ If both operands and the code are in the same SARAM block
Example 1
TBLW
DAT5
;(DP = 32: addresses 1000h–107Fh)
Before Instruction
After Instruction
ACC
257h
ACC
257h
Data Memory
Data Memory
1005h
4339h
1005h
4339h
Program Memory
Program Memory
257h
306h
257h
4399h
Example 2
TBLW
*
Before Instruction
After Instruction
ARP
6
ARP
6
AR6
1006h
AR6
1006h
ACC
258h
ACC
258h
Data Memory
Data Memory
1006h
4340h
1006h
4340h
Program Memory
Program Memory
258h
307h
258h
4340h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com