Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 179 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 179 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc PM7346 Datasheet HTML 177Page - PMC-Sierra, Inc PM7346 Datasheet HTML 178Page - PMC-Sierra, Inc PM7346 Datasheet HTML 179Page - PMC-Sierra, Inc PM7346 Datasheet HTML 180Page - PMC-Sierra, Inc PM7346 Datasheet HTML 181Page - PMC-Sierra, Inc PM7346 Datasheet HTML 182Page - PMC-Sierra, Inc PM7346 Datasheet HTML 183Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 158
Register 034H, 134H, 234H, 334H: DS3 TRAN Configuration
Bit
Type
Function
Default
Bit 7
R/W
CBTRAN
0
Bit 6
R/W
AIS
0
Bit 5
R/W
IDL
0
Bit 4
R/W
FERF
0
Bit 3
R/W
Reserved
0
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
CBIT
0
CBIT:
The CBIT bit enables the DS3 C-bit parity application. When CBIT is written
with a logic 1, C-bit parity is enabled, and the S/UNI-QJET modifies the C-bits
as required to include the path maintenance data link, the FEAC channel, the
far end block error indication, and the path parity. When CBIT is written with a
logic 0, the M23 application is selected, and each C-bit is set to logic 1 by the
S/UNI-QJET except for the first C-bit of the frame, which is forced to toggle
every frame. Note that the C-bits may be modified as required using the DS3
overhead access port (TOH) regardless of the setting of this bit.
FERF:
The FERF bit enables insertion of the far end receive failure maintenance
signal in the DS3 stream. When FERF is written with a logic 1, the X1 and X2
overhead bit positions are set to logic 0. When FERF is written with a logic 0,
the X1 and X2 overhead bit positions in the DS3 stream are set to logic 1.
IDL:
The IDL bit enables insertion of the idle maintenance signal in the DS3
stream. When IDL is written with a logic 1, the DS3 payload is overwritten
with the repeating pattern 1100.... The DS3 overhead bit insertion (X, P, M F,
and C) continues normally. When IDL is written with a logic 0, the idle signal
is not inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com