Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 174Page - PMC-Sierra, Inc PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc PM7346 Datasheet HTML 177Page - PMC-Sierra, Inc PM7346 Datasheet HTML 178Page - PMC-Sierra, Inc PM7346 Datasheet HTML 179Page - PMC-Sierra, Inc PM7346 Datasheet HTML 180Page - PMC-Sierra, Inc PM7346 Datasheet HTML 181Page - PMC-Sierra, Inc PM7346 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 157
CBITV:
The CBITV bit indicates the application identification channel (AIC) state.
CBITV is set to logic 1 (indicating the presence of the C-bit parity application)
when the AIC bit is set high for 63 consecutive M-frames. CBITV is set to
logic 0 (indicating the presence of the M23 or SYNTRAN applications) when
AIC is set low for 2 or more M-frames in the last 15.
REDV:
The REDV bit indicates the current state of the DS3 RED indication. When
the REDV bit is a logic 1, the DS3 FRMR frame alignment acquisition circuitry
has been out of frame for 2.23ms (or for 13.5ms when FDET is logic 0).
When the REDV bit is logic 0, the frame alignment circuitry has found frame
(i.e. OOFV=0) for 2.23ms ( or 13.5ms if FDET=0).
ACE:
The ACE bit selects the Additional Configuration Register. This register is
located at address x31H, and is only accessible when the ACE bit is set to
logic 1. When ACE is set to logic 0, the Interrupt Enable register is accessible
at address x31H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com