Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 170Page - PMC-Sierra, Inc PM7346 Datasheet HTML 171Page - PMC-Sierra, Inc PM7346 Datasheet HTML 172Page - PMC-Sierra, Inc PM7346 Datasheet HTML 173Page - PMC-Sierra, Inc PM7346 Datasheet HTML 174Page - PMC-Sierra, Inc PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc PM7346 Datasheet HTML 177Page - PMC-Sierra, Inc PM7346 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 153
AISONES:
The AISONES bit controls the pattern used to detect the alarm indication
signal (AIS) when both AISPAT and AISC bits in DS3 FRMR Configuration
register are logic 0; if either AISPAT or AISC are logic 1, the AISONES bit is
ignored. When a logic 0 is written to AISONES, the algorithm checks that a
framed all-ones payload pattern (1111...) signal is observed for a period of
time before declaring AIS. Only the payload bits are observed to follow an all-
ones pattern, the overhead bits (X, P, M, F, C) are ignored. When a logic 1 is
written to AISONES, the algorithm checks that an unframed all-ones pattern
(1111...) signal is observed for a period of time before declaring AIS. In this
case all the bits, including the overhead, are observed to follow an all-ones
pattern. The valid combinations of AISPAT, AISC, and AISONES bits are
summarized below:
Table 11
- DS3 FRMR AIS Configurations
AISPAT
AISC
AISONES
AIS Detected
1
0
X
Framed DS3 stream containing repeating
1010… pattern; overhead bits ignored.
0
1
X
Framed DS3 stream containing C-bits all
logic 0; payload bits ignored.
1
1
X
Framed DS3 stream containing repeating
1010… pattern in the payload, C-bits all
logic 0, and X-bits=1. This can be
detected by setting both AISPAT and AISC
high, and declaring AIS only when AISV=1
and FERFV=0 (Register x33H).
0
0
0
Framed DS3 stream containing all-ones
payload pattern; overhead bits ignored.
0
0
1
Unframed all-ones DS3 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com