Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 168Page - PMC-Sierra, Inc PM7346 Datasheet HTML 169Page - PMC-Sierra, Inc PM7346 Datasheet HTML 170Page - PMC-Sierra, Inc PM7346 Datasheet HTML 171Page - PMC-Sierra, Inc PM7346 Datasheet HTML 172Page - PMC-Sierra, Inc PM7346 Datasheet HTML 173Page - PMC-Sierra, Inc PM7346 Datasheet HTML 174Page - PMC-Sierra, Inc PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 151
Register 031H, 131H, 231H, 331H: DS3 FRMR Additional Configuration
Register (ACE=1)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
AISONES
0
Bit 4
R/W
BPVO
0
Bit 3
R/W
EXZSO
0
Bit 2
R/W
EXZDET
0
Bit 1
R/W
SALGO
0
Bit 0
R/W
DALGO
0
DALGO:
The DALGO bit determines the criteria used to decode a valid B3ZS
signature. When DALGO is set to logic 1, a valid B3ZS signature is declared
and 3 zeros substituted whenever a zero followed by a bipolar violation of the
opposite polarity to the last observed BPV is seen. When the DALGO bit is
set to logic 0, a valid B3ZS signature is declared and the 3 zeros are
substituted whenever a zero followed by a bipolar violation is observed.
SALGO:
The SALGO bit determines the criteria used to establish a valid B3ZS
signature used to map BPVs to line code violation indications. Any BPV that
is not part of a valid B3ZS signature is indicated as an LCV. When the
SALGO bit is set to logic 1, a valid B3ZS signature is declared whenever a
zero followed by a bipolar violation is observed. When SALGO is set to logic
0, a valid B3ZS signature is declared whenever a zero followed by a bipolar
violation of the opposite polarity to the last observed BPV is seen.
EXZDET:
The EXZDET bit determines the type of zero occurrences to be included in
the LCV indication. When EXZDET is set to logic 1, the occurrence of an
excessive zero generates a single pulse indication that is used to indicate an
LCV. When EXZDET is set to logic 0, every occurrence of 3 consecutive
zeros generates a pulse indication that is used to indicate an LCV. For
example, if a sequence of 15 consecutive zeros were received, with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com