Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 173 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 173 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 169Page - PMC-Sierra, Inc PM7346 Datasheet HTML 170Page - PMC-Sierra, Inc PM7346 Datasheet HTML 171Page - PMC-Sierra, Inc PM7346 Datasheet HTML 172Page - PMC-Sierra, Inc PM7346 Datasheet HTML 173Page - PMC-Sierra, Inc PM7346 Datasheet HTML 174Page - PMC-Sierra, Inc PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc PM7346 Datasheet HTML 177Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 152
EXZDET=1 only a single LCV would be indicated for this string of excessive
zeros; with EXZDET=0, five LCVs would be indicated for this string (i.e. one
LCV for every 3 consecutive zeros).
EXZSO:
The EXZSO bit enables only summed zero occurrences to be accumulated in
the PMON EXZS Count Registers. When EXZSO is set to logic 1, any
excessive zeros occurrences over an 85 bit period increments the PMON
EXZS counter by one. When EXZSO is set to logic 0, summed LCVs are
accumulated in the PMON EXZS Count Registers. A summed LCV is defined
as the occurrence of either BPVs not part of a valid B3ZS signature or 3
consecutive zeros (or excessive zeros if EXZDET=1) occurring over an 85 bit
period; each summed LCV occurrence increment the PMON EXZS counter
by one.
BPVO:
The BPVO bit enables only bipolar violations to indicate line code violations
and be accumulated in the PMON LCV Count Registers. When BPVO is set
to logic 1, only BPVs not part of a valid B3ZS signature generate an LCV
indication and increment the PMON LCV counter. When BPVO is set to logic
0, both BPVs not part of a valid B3ZS signature, and either 3 consecutive
zeros or excessive zeros generate an LCV indication and increment the
PMON LCV counter.
Table 10
- DS3 FRMR EXZS/LCV count configurations
Register Bit
Counter Function
EXZSO
BPVO
EXZDET
PMON EXZ Count
PMON LCV Count
0
0
0
Summed LCVs
BPVs & every 3
consecutive zeros
0
0
1
Summed LCVs
BPVs & every string of
3+ consecutive zeros
0
1
0
Reserved
Reserved
0
1
1
Reserved
Reserved
1
0
0
Summed excessive
zeros
BPVs & every 3
consecutive zeros
1
0
1
Summed excessive
zeros
BPVs & every string of
3+ consecutive zeros
1
1
0
Summed excessive
zeros
Only BPVs
1
1
1
Summed excessive
zeros
Only BPVs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com