Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 177 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 177 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 173Page - PMC-Sierra, Inc PM7346 Datasheet HTML 174Page - PMC-Sierra, Inc PM7346 Datasheet HTML 175Page - PMC-Sierra, Inc PM7346 Datasheet HTML 176Page - PMC-Sierra, Inc PM7346 Datasheet HTML 177Page - PMC-Sierra, Inc PM7346 Datasheet HTML 178Page - PMC-Sierra, Inc PM7346 Datasheet HTML 179Page - PMC-Sierra, Inc PM7346 Datasheet HTML 180Page - PMC-Sierra, Inc PM7346 Datasheet HTML 181Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 156
Register 033H, 133H, 233H, 333H: DS3 FRMR Status
Bit
Type
Function
Default
Bit 7
R/W
ACE
0
Bit 6
R
REDV
X
Bit 5
R
CBITV
X
Bit 4
R
FERFV
X
Bit 3
R
IDLV
X
Bit 2
R
AISV
X
Bit 1
R
OOFV
X
Bit 0
R
LOSV
X
LOSV:
The LOSV bit indicates the current loss of signal defect state. LOSV is a logic
1 when a sequence of 175 zeros is detected on the B3ZS encoded DS3
receive stream. LOSV is a logic 0 when a signal with a ones density greater
than 33% for 175 ± 1 bit periods is detected.
OOFV:
The OOFV bit indicates the current DS3 out of frame defect state. When the
S/UNI-QJET has lost frame alignment and is searching for the new alignment,
OOFV is set to logic 1. When the S/UNI-QJET has found frame alignment,
the OOFV bit is set to logic 0.
AISV:
The AISV bit indicates the alarm indication signal state. When the
S/UNI-QJET detects the AIS maintenance signal, AISV is set to logic 1.
IDLV:
The IDLV bit indicates the IDLE signal state. When the S/UNI-QJET detects
the IDLE maintenance signal, IDLV is set to logic 1.
FERFV:
The FERFV bit indicates the current far end receive failure defect state.
When the S/UNI-QJET detects an M-frame with the X1 and X2 bits both set
to zero, FERFV is set to logic 1. When the S/UNI-QJET detects an M-frame
with the X1 and X2 bits both set to one, FERFV is set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com