Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 36 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 32Page - Analog Devices LTC2984 Datasheet HTML 33Page - Analog Devices LTC2984 Datasheet HTML 34Page - Analog Devices LTC2984 Datasheet HTML 35Page - Analog Devices LTC2984 Datasheet HTML 36Page - Analog Devices LTC2984 Datasheet HTML 37Page - Analog Devices LTC2984 Datasheet HTML 38Page - Analog Devices LTC2984 Datasheet HTML 39Page - Analog Devices LTC2984 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
LTC2984
36
2984fb
For more information www.linear.com/LTC2984
Fault Reporting – RTD
Each sensor type has unique fault reporting mechanism
indicated in the most significant byte of the data output
word. Table 35 shows faults reported in the measurement
of RTDs.
BitD31indicatestheRTDorRSENSEisopen,shorted,ornot
pluggedin.Thisisahardfaultand–999°Cor°Fisreported.
Bit D30 indicates a bad ADC reading. This can be a result
of either a broken (open) sensor or an excessive noise
event (ESD or static discharge into the sensor path). This
is a hard error and –999°C or °F is reported. In the case of
an excessive noise event, the device should recover and
the following conversions will be valid if the noise was a
random infrequent event. Bits D29 and D28 are not used
for RTDs. Bits D27 and D26 indicate over or under tem-
perature limits (see Table 36). The calculated temperature
is reported, but the accuracy may be compromised. Bit
D25 indicates the absolute voltage measured by the ADC
is beyond its normal operating range. If an RTD is used
as the cold junction element, any hard or soft error is also
flagged in the thermocouple result.
Sense Resistor
Channel Assignment
For each sense resistor tied to the LTC2984, a 32-bit
channel assignment word is programmed into a memory
location corresponding to the channel the sensor is tied
to (see Table 37). This word includes (1) sense resistor
selection and (2) sense resistor value.
Table 36. Voltage and Resistance Ranges
RTD TYPE
MIN Ω
MAX Ω
LOW TEMP LIMIT °C
HIGH TEMP LIMIT °C
PT-10
1.95
34.5
–200
850
PT-50
9.75
172.5
–200
850
PT-100
19.5
345
–200
850
PT-200
39
690
–200
850
PT-500
97.5
1725
–200
850
PT-1000
195
3450
–200
850
NI-120
66.6
380.3
–80
260
Custom Table
Lowest Table Entry
Highest Table Entry
Lowest Table Entry
Highest Table Entry
Table 35. RTD Fault Reporting
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Sensor Hard Fault
Hard
Open or Short RTD or RSENSE
–999°C or °F
D30
Hard ADC-Out-of-Range
Hard
Bad ADC Reading (Could Be Large External Noise Event)
–999°C or °F
D29
Not Used for RTDs
N/A
Always 0
Valid Reading
D28
Not Used for RTDs
N/A
Always 0
Valid Reading
D27
Sensor Over Range
Soft
T > High Temp Limit (See Table 36)
Suspect Reading
D26
Sensor Under Range
Soft
T < Low Temp Limit (See Table 36)
Suspect Reading
D25
ADC Out-of-Range
Soft
ADC Absolute Input Voltage Is Beyond ±1.125 • VREF/2
Suspect Reading
D24
Valid
N/A
Result Valid (Should Be 1) Discard Results if 0
Valid Reading
APPLICATIONS INFORMATION
Table 37. Sense Resistor Channel Assignment Word
(1) SENSOR TYPE
(2) SENSE RESISTOR VALUE (Ω)
FIGURE 39
FIGURE 43
Measurement Class
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Sense Resistor
Type = 29
Sense Resistor Value (17, 10) Up to ≈ 131,072Ω with 1/1024Ω Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com