Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 78 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 78 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices LTC2984 Datasheet HTML 73Page - Analog Devices LTC2984 Datasheet HTML 74Page - Analog Devices LTC2984 Datasheet HTML 75Page - Analog Devices LTC2984 Datasheet HTML 76Page - Analog Devices LTC2984 Datasheet HTML 77Page - Analog Devices LTC2984 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
LTC2984
78
2984fb
For more information www.linear.com/LTC2984
LINEAR TECHNOLOGY CORPORATION 2015
LT 0116 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2984
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2983
Multi-Sensor High Accuracy Digital
Temperature Measurement System
Pin/Software Compatible to Version of LTC2984 without EEPROM
LTC2990
Quad I2C Temperature, Voltage and
Current Monitor
Remote and Internal Temperatures, 14-Bit Voltages and Current, Internal 10ppm/°C
Reference
LTC2991
Octal I2C Voltage, Current, Temperature
Monitor
Remote and Internal Temperatures, 14-Bit Voltages and Current, Internal 10ppm/°C
Reference
LTC2995
Temperature Sensor and Voltage
Monitor with Alert Outputs
Monitors Temperature and Two Voltages, Adjustable Thresholds, Open Drain Alert Outputs,
Temperature to Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2996
Temperature Sensor with Alert Outputs
Monitors Temperature, Adjustable Thresholds, Open Drain Alert Outputs, Temperature to
Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2997
Remote/Internal Temperature Sensor
Temperature to Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2943
20V I2C Coulomb Counter
Monitors Charge, Current, Voltage and Temperature with 1% Accuracy. Works with Any
Battery Chemistry and Capacity
Figure 42. Universal Inputs Allow Common Hardware Sharing for Thermocouples, Diodes,
Thermistors, 3-Wire RTDs, and 4-Wire RTDs
2984 F45
1
4
RSENSE
THERMISTOR
THERMOCOUPLE
3-WIRE RTD
4-WIRE RTD
SHARE WITH ALL
FOUR SETS OF SENSORS
2
3
3
1
1
2
2
CH3
CH2
CH1
0.1µF
10µF
10µF
2.85V TO 5.25V
LTC2984
CH4
CH5
CH6
42
36
21
20
19
18
17
48
47
46
13
14
11
43
37
2, 4, 6, 8, 45
1, 3, 5, 7, 9, 12, 15, 44
16
41
40
39
38
CS
RESET
SDI
SDO
SCK
CH7 TO CH20
22 TO 35
THREE MORE SETS
OF UNIVERSAL
SENSOR INPUTS
(OPTIONAL DRIVE
LOW TO RESET)
SPI INTERFACE
COM
VDD
VREFOUT
VREFP
Q1
Q2
Q3
1µF
VREF_BYP
1µF
LDO
10µF
INTERRUPT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com