| Electronic Components Datasheet Search |
|
LTC2984 Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2984 Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 78 page ![]() LTC2984 44 2984fb For more information www.linear.com/LTC2984 Example: 4-Wire RTD with Rotation One method to improve the accuracy of an RTD over the standard 4-wire implementation is by rotating the excita- tion current source. Parasitic thermocouple effects are automatically removed through autorotation. In order to perform autorotation, the 1st terminal of the RTD ties to CHRTD+1 instead of GND, as in the standard case. This allows the LTC2984 to automatically change the direc- tion of the current source without the need for additional external components. 4-wire RTD with rotation channel assignments follow the general convention shown in Figure 19. Terminal 1 is tied to CHRTD+1, terminals 2 and 3 (Kelvin sensed signal) tie to CHRTD and CHRTD-1, and the 4th terminal ties to the sense resistor. Channel assignment data (see Table 29) is mapped to memory locations corresponding to CHRTD. Sense resistor channel assignments follow the general convention shown in Figure 20. The sense resistor is tied between CHRSENSE and CHRSENSE-1, where CHRSENSE is tied to the 4th terminal of the RTD. Channel assignment APPLICATIONS INFORMATION data is mapped into a memory location corresponding to CHRSENSE. Figure 21 shows a typical temperature measurement system using a rotating 4-wire RTD. In this example a 4-wire RTD’s terminals tie to CH17, CH16, CH15, and CH6. The sense resistor is tied to CH6 and CH5. The sense resistor and RTD connect together at CH6. The RTD sensor type and configuration data are as- signed to CH16. 32 bits of binary configuration data are mapped directly into memory locations 0x23C to 0x23F (see Table 47). The sense resistor is assigned to CH6. Theuserprogrammablevalueofthisresistoris10.0102kΩ. 32 bits of binary configuration data are mapped directly into memory locations 0x214 to 0x217 (see Table 48). A conversion is initiated on CH16bywriting10010000into memory location 0x000. Once the conversion is complete, the INTERRUPT pin goes HIGH and memory location 0x000 becomes 01010000. The resulting temperature in °C can be read from memory locations 0x04C to 0x04F (corresponding to CH16). Figure 19. 4-Wire RTD Channel Assignment Convention 2984 F19 3 4 1 2 CHRTD–1 CHRTD CHRTD+1 EXCITATION CURRENT FLOW = CHRTD (2 ≤ RTD ≤ 19) CHRSENSE 4TH TERMINAL TIES TO SENSE RESISTOR CHANNEL ASSIGNMENT Figure 20. Sense Resistor Channel Assignment Convention for 4-Wire RTDs with Rotation 2984 F20 CHRSENSE-1 CHRSENSE RSENSE EXCITATION CURRENT FLOW = CHRSENSE (2 ≤ RSENSE ≤ 20) CHANNEL ASSIGNMENT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |