Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 61 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 61 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 57Page - Analog Devices LTC2984 Datasheet HTML 58Page - Analog Devices LTC2984 Datasheet HTML 59Page - Analog Devices LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
LTC2984
61
2984fb
For more information www.linear.com/LTC2984
DIRECT ADC MEASUREMENTS
Inadditiontomeasuringtemperaturesensors,theLTC2984
can perform direct voltage measurements. Any channel
can be configured to perform direct single-ended or dif-
ferential measurements. Direct ADC channel assignments
follow the general convention shown in Figure 36. The
32-bit channel assignment word is programmed into a
memory location corresponding to the input channel.
The channel assignment word is 0xF000 0000 for differ-
ential readings and 0xF400 0000 for single-ended. The
SUPPLEMENTAL INFORMATION
positive input channel ties to CHADC for both single-ended
and differential modes. For single-ended measurements
the ADC negative input is COM while for differential mea-
surements it is CHADC-1. For single ended measurements,
COM can be driven with any voltage above GND – 50mV
and below VDD – 0.3V.
The direct ADC results are available in memory at a
location corresponding to the conversion channel.
The data is represented as a 32-bit word (see Table 67)
where the eight most significant bits are fault bits and
2984 F36
CHADC
SINGLE-ENDED
CHANNEL
ASSIGNMENT
= CHADC (1 ≤ ADC ≤ 20)
= CHADC (2 ≤ ADC ≤ 20)
24-BIT
∆∑ ADC
24-BIT
∆∑ ADC
CHANNEL
ASSIGNMENT
DIFFERENTIAL
COM
CHADC
CHADC-1
–
+
–
+
Figure 36. Direct ADC Channel Assignment Conventions
Table 67. Direct ADC Output Format
START ADDRESS
START ADDRESS + 1
START ADDRESS + 2
START ADDRESS + 3
(END ADDRESS)
D31
D30 D29 D28 D27
D26
D25
D24
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Fault Data
SIGN MSB
LSB
Volts
Sensor
Hard
Fault
Range
Hard
Fault
NA NA Soft
Above
Soft
Below
Soft
Range
Valid
Always
1
± 2V 1V
0.5V 0.25V ...
Integer
Fraction
>VREF
1
1
0
0
1
0
1
CLAMPED to Factory Programmed Value
of VREF
1.75 • VREF/2
1
1
0
0
1
0
1
1
0
1
0
0
0
1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
1.125 • VREF/2
0
0
0
0
1
0
1
1
0
0
1
0
1
1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
VREF/2
0
0
0
0
0
0
0
1
0
0
1
0
1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
VREF/222
0
0
0
0
0
0
0
1
0
0
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–VREF/222
0
0
0
0
0
0
0
1
1
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–VREF/2
0
0
0
0
0
0
0
1
1
1
0
1
1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–1.125 • VREF
0
0
0
0
0
1
1
1
1
1
0
1
0
0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–1.75 • VREF
1
1
0
0
0
1
1
1
1
0
1
1
1
0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
< –VREF
1
1
0
0
0
1
1
1
CLAMPED to Factory Programmed Value
of –VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com