Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 13Page - Analog Devices LTC2984 Datasheet HTML 14Page - Analog Devices LTC2984 Datasheet HTML 15Page - Analog Devices LTC2984 Datasheet HTML 16Page - Analog Devices LTC2984 Datasheet HTML 17Page - Analog Devices LTC2984 Datasheet HTML 18Page - Analog Devices LTC2984 Datasheet HTML 19Page - Analog Devices LTC2984 Datasheet HTML 20Page - Analog Devices LTC2984 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
LTC2984
17
2984fb
For more information www.linear.com/LTC2984
The LTC2984 combines high accuracy with ease of use.
The basic operation is simple and is composed of five
states (see Figure 3).
APPLICATIONS INFORMATION
Figure 3. Basic Operation
2984 F03
POWER-UP,
SLEEP
OR RESET
(OPTIONAL)
≈ 200ms(MAX)
NO
YES
START-UP
CHANNEL ASSIGNMENT
INITIATE CONVERSION
CONVERSION
READ RESULTS
STATUS CHECK
COMPLETE?
Conversion States Overview
1. Start-Up. After power is applied to the LTC2984
(VDD > 2.6V), there is a 200ms wake up period. During
this time, the LDO, charge pump, ADCs, and reference
are powered up and the internal RAM is initialized. Once
start-up is complete, the INTERRUPT pin goes HIGH
and the command status register will return a value of
0x40 (Start bit = 0, Done bit = 1) when read.
2. Channel Assignment. The device automatically enters
thechannelassignmentstateafterstart-upiscomplete.
While in this state, the user writes sensor specific data
for each input channel into RAM or loads it from the
EEPROM (see the EEPROM section for more details).
The assignment data contains information about the
sensor type, pointers to cold junction sensors or sense
resistors, and sensor specific parameters.
3. InitiateConversion.Aconversionisinitiatedbywriting
a measurement command into RAM memory location
0x000. This command is a pointer to the channel in
which the conversion will be performed.
4. Conversion. A new conversion begins automatically
following an Initiate Conversion command. In this
state, the ADC is running a conversion on the specified
channelandassociatedcoldjunctionorRSENSEchannel
(if applicable). The user is locked out of RAM access
while in the state (except for reading status location
0x000). The end of conversion is indicated by both
the INTERRUPT pin going HIGH and a status register
START bit going LOW and DONE bit going HIGH.
5. Read Results. In this state, the user has access to
RAM and can read the completed conversion results
and fault status bits. It is also possible for the user to
modify/append the channel assignment data during the
read results state.
Conversion State Details
State 1: Start-Up
The start-up state automatically occurs when power is ap-
plied to the LTC2984. If the power drops below a threshold
of ≈2.6V and then returns to the normal operating voltage
(2.85Vto5.25V),theLTC2984resetsandentersthepower-
up state. Note that the LTC2984 also enters the start-up
state at the conclusion of the sleep state. The start-up state
can also be entered at any time during normal operation
by pulsing the RESET pin low.
In the first phase of the start-up state all critical analog
circuits are powered up. This includes the LDO, reference,
charge pump and ADCs. During this first phase, the com-
mand status register will be inaccessible to the user. This
phase takes a maximum of 100mS to complete. Once this
phase completes, the command status register will be
accessible and return a value of 0x80 until the LTC2984
is completely initialized. Once the LTC2984 is initialized
and ready to use, the interrupt pin will go high and the
command status register will return a read value of 0x40
(Start bit = 0, Done bit = 1). At this point the LTC2984
is fully initialized and is ready to perform a conversion.
State 2: Channel Assignment
The LTC2984 RAM can be programmed with up to 20 sets
of 32-bit (4-byte) channel assignment data. These reside
sequentially in RAM with a one-to-one correspondence
to each of the 20 analog input channels (see Table 3).
Channels that are not used should have their channel
assignment data set to all zeros (default at START-UP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com