Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 60 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 56Page - Analog Devices LTC2984 Datasheet HTML 57Page - Analog Devices LTC2984 Datasheet HTML 58Page - Analog Devices LTC2984 Datasheet HTML 59Page - Analog Devices LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
LTC2984
60
2984fb
For more information www.linear.com/LTC2984
Typical Application RTD and Thermistor Measurements
The LTC2984 includes 20 fully configurable analog input
channels. Each input channel can be configured to accept
any sensor type. Figure 35 shows a typical application
digitizing multiple RTDs and thermistors. Each RTD/
thermistor requires a sense resistor which can be shared
with multiple sensors. RTDs can be configured as 2, 3,
or 4-wire topologies. For example, a single sense resistor
APPLICATIONS INFORMATION
Figure 35. Typical RTD/Thermistor Application
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH11
CH12
CH13
CH14
CH15
CH10
CH1
Q1
Q2
Q3
VDD
RSENSE
RSENSE
CS
SDI
SDO
SCK
VREFOUT
VREFP
16
48
47
46
13
14
11
43
42
41
40
39
38
37
2, 4, 6, 8, 45
2.85V TO 5.25V
17
4-WIRE
RTD
2-WIRE
RTD
3-WIRE
RTD
3-WIRE
RTD
4-WIRE
RTD
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
2984 F35
CH16
CH17
CH18
CH19
CH20
COM
0.1µF
10µF
10µF
1µF
VREF_BYP
1µF
LDO
10µF
(OPTIONAL, DRIVE
LOW TO RESET)
SPI INTERFACE
1, 3, 5, 7, 9, 12, 15, 44
RESET
INTERRUPT
GND
(CH1, CH2) is shared between a 4-wire RTD (CH4, CH3), a
2-wire RTD (CH7, CH6), two 3-wire RTDs (CH9, CH8 and
CH11, CH10) and a thermistor (CH13, CH12). This can
be mixed with diode sensors (CH15) and thermocouples
(CH14). Sense resistors (CH17, CH16) can also be dedi-
cated to specific sensors, in this case a 4-wire RTD (CH19,
CH18). Current is applied through both the sense resistor
and RTD/Thermistor, the resulting voltages are simultane-
ously measured and the results are output in °C or °F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com