Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 75 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 75 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices LTC2984 Datasheet HTML 73Page - Analog Devices LTC2984 Datasheet HTML 74Page - Analog Devices LTC2984 Datasheet HTML 75Page - Analog Devices LTC2984 Datasheet HTML 76Page - Analog Devices LTC2984 Datasheet HTML 77Page - Analog Devices LTC2984 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
LTC2984
75
2984fb
For more information www.linear.com/LTC2984
CUSTOM THERMISTORS
A custom thermistor tied to CH5, with a sense resistor on
CH3/4, is programmed with the channel assignment data
shown in Table 87 (refer to Figure 27 for a similar format).
In this case the custom data begins at memory location
0x26E (starting address is 30). The starting address
(offset from 0x250) is entered in the custom thermistor
data pointer field of the channel assignment data. The data
length (set to 0) is always six 32-bit floating point words.
Table 87. Custom Steinhart-Hart Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 210
MEMORY
ADDRESS 211
MEMORY
ADDRESS 212
MEMORY
ADDRESS 213
(1) Thermistor Type
Custom
Steinhart-Hart
5
11010 1 1 0 1 0
(2) Sense Resistor
Channel Pointer
CH4
5
00100
0 0 1 0 0
(3) Sensor
Configuration
Single-Ended
3
100
1 0 0
(4) Excitation Current
1µA
4
0011
0 0 1 1
Not Used
Set These Bits
to 0
3
00
0 0 0
(5) Custom Thermistor
Data Pointer
Start Address
= 30
6
011110
0 1 1 1 1 0
(5) Custom Steinhart-
Hart Length Always
Set to 0
Fixed at Six
32-Bit Words
6
000000
0 0 0 0 0 0
Universal Sensor Hardware
TheLTC2984canbeconfiguredasauniversaltemperature
measurement device. Up to four sets of universal inputs
can be applied to a single LTC2984. Each of these sets can
directly digitize a 3-wire RTD, 4-Wire RTD, Thermistor, or
thermocouple without changing any on board hardware
(see Figure 45). Each sensor can share the same four ADC
inputsandprotection/filteringcircuitryareconfiguredusing
software changes (new channel assignment data) only.
One sense resistor and cold junction sensor are shared
among all four banks of sensors.
TheLTC2984includesmanyflexible,softwareconfigurable
inputmodes.Inordertosharefourcommoninputsamong
all four sensor types each sensor requires specific con-
figuration bits (see Table 88). 3-Wire RTDs are configured
with shared RSENSE, 4-Wire RTDs and thermistors are
configured as shared and/or rotated, thermocouples are
configured differential with internal ground, and diodes
are configured as single-ended.
Table 88. Sensor Configuration for Universal Hookup
SENSOR TYPE
CONFIGURATION
OPTIONS
CONFIGURATION
BITS
SEE TABLE
3-Wire RTD
Share
B18 = 1, B19 = 0
Table 32
4-Wire RTD
Share
B18 = 1, B19 = 0
Table 32
4-Wire RTD
Rotate
B18 = 0, B19 = 1
Table 32
Thermistor
Share
B19 = 0, B20 = 1
Table 56
Thermistor
Rotate
B19 = 1, B20 = 0
Table 56
Thermocouple
Single-Ended
B21 = 1
Table 18
Diode
Single-Ended
B26 = 1
Table 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com