Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 2Page - Analog Devices LTC2984 Datasheet HTML 3Page - Analog Devices LTC2984 Datasheet HTML 4Page - Analog Devices LTC2984 Datasheet HTML 5Page - Analog Devices LTC2984 Datasheet HTML 6Page - Analog Devices LTC2984 Datasheet HTML 7Page - Analog Devices LTC2984 Datasheet HTML 8Page - Analog Devices LTC2984 Datasheet HTML 9Page - Analog Devices LTC2984 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
LTC2984
6
2984fb
For more information www.linear.com/LTC2984
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Full scale ADC error. Measurements do not include reference error.
Note 4: Guaranteed by design, not subject to test.
Note 5: The input referred noise includes the contribution of internal
calibration operations.
Note 6: MUX configuration delay = default 1ms.
Note 7: Global configuration set to 60Hz rejection.
Note 8: Global configuration set to 50Hz rejection.
Note 9: Global configuration default 50Hz/60Hz rejection.
Note 10: The exact value of VREF is stored in the LTC2984 and used
for all measurement calculations. Temperature coefficient is measured
by dividing the maximum change in output voltage by the specified
temperature range.
Note 11: Analog power-up. Command status register inaccessible during
this time.
Note 12: Digital initialization. Begins at the conclusion of Analog Power-
Up. Command status register is 0 × 80 at the beginning of digital
initialization and 0 × 40 at the conclusion.
Note 13: Long-term stability typically has a logarithmic characteristic
and therefore, changes after 1000 hours tend to be much smaller than
before that time. Total drift in the second thousand hours is normally less
than one third that of the first thousand hours with a continuing trend
toward reduced drift with time. Long-term stability will also be affected by
differential stresses between the IC and the board material created during
board assembly.
Note 14: Hysteresis in output voltage is created by package stress
that differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. Hysteresis measures the maximum output change for the
averages of three hot or cold temperature cycles. For instruments that
are stored at well controlled temperatures (within 20 or 30 degrees of
operational temperature), it is usually not a dominant error source. Typical
hysteresis is the worst-case of 25°C to cold to 25°C or 25°C to hot to
25°C, preconditioned by one thermal cycle.
Note 15: Differential Input Range is ±VREF/2.
Note 16: RTD and thermistor measurements are made ratiometrically.
As a result current source excitation variation does not affect absolute
accuracy. Choose an excitation current such that largest sensor or RSENSE
resistance value, when driven by the nominal excitation current, will drop
1V or less. The extended ADC input range will accommodate variation in
excitation current and the ratiometric calculation will negate the absolute
value of the excitation current.
Note 17: 10-year data retention guaranteed for up to 1000 program cycles.
Note 18: Do not apply voltage or current sources to these pins. They must
be connected to capacitive loads only. Otherwise, permanent damage may
occur.
Note 19: Input leakage measured with VIN = –10mV and VIN = 2.5V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Retention
Note 17
l
10
Years
Endurance
l
10000
Cycles
Programming Time
Complete Transfer from RAM to EEPROM
l
2600
mS
Read Time
Complete Transfer EEPROM to RAM
l
20
mS
EEPROM CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com