Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 65 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices LTC2984 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
LTC2984
65
2984fb
For more information www.linear.com/LTC2984
If excessive RC time constants are present in external
sensor circuits (large bypass capacitors used for thermis-
tors or RTDs) it is possible to increase the settling time
between current source excitation and MUX switching.
The extra delay is determined by the value written into
the MUX configuration delay register (memory location
0x0FF). The value written into this memory location is
multiplied by 100µs; therefore, the maximum extra MUX
delay is 25.5ms (i.e. 0x0FF = 255 • 100µs).
GLOBAL CONFIGURATION REGISTER
The LTC2984 includes a global configuration register
(memory location 0x0F0, see Figure 40). This register is
used to set the notch frequency of the digital filter and
temperatureresultsformat(°Cor°F).Thedefaultsettingis
simultaneous 50/60Hz rejection (75dB rejection with 1ms
MUX delay). If higher 60Hz rejection is required (120dB
rejection),write0x01intomemorylocation0x0F0;ifhigher
50Hz rejection is required (120dB rejection) write 0x02
into memory location 0x0F0.
SUPPLEMENTAL INFORMATION
The default temperature units reported by the LTC2984
are °C. The reported temperature can also be output in °F
by setting bit 3 of memory location 0x0F0 to 1. All other
global configuration bits should be set to 0.
REFERENCE CONSIDERATIONS
The mechanical stress of soldering the LTC2984 to a PC
board can cause the output voltage reference to shift and
temperature coefficient to change. These two changes are
not correlated. For example, the voltage may shift but the
temperature coefficient may not. To reduce the effects of
stress-related shifts, mount the reference near the short
edge of the PC board or in a corner.
Figure 40. Global Configuration Register
2984 F40
0 = °C
1 = °F
00 50/60Hz REJECTION
01 60Hz REJECTION
10 50Hz REJECTION
11 RESERVED
MEMORY LOCATION 0x0F0
0 0 0 0 0
Figure 41. Custom Thermocouple Example (mV vs Kelvin)
2984 F41
TEMPERATURE (K)
p9
p8
p7
p6
p5
p4
p3
(0mV, 0K)
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0K
VOLTAGE (mV)
p2
p1
p0
VOLTAGE < p1
SOFT FAULT
CONDITION
VOLTAGE > p9
SOFT FAULT
CONDITION
(0mV, 273.15K)
CUSTOM THERMOCOUPLES
In addition to digitizing standard thermocouples, the
LTC2984canalsodigitizeuser-programmable,customther-
mocouples (thermocouple type=0b01001, see Table 12).
Custom sensor data (minimum of three, maximum of 64
pairs) reside sequentially in memory and are arranged in
blocks of six bytes of monotonically increasing tabular
data as mV vs temperature (see Table 71).
Table 71. Custom Thermocouple Tabular Data Format
ADDRESS
BYTE 0 BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5
0x250 + 6* Start Address
Table Entry #1 (mV) Table Entry #1 (Kelvin)
0x250 + 6* Start Address + 6 Table Entry #2 (mV) Table Entry #2 (Kelvin)
0x250 + 6* Start Address + 12 Table Entry #3 (mV) Table Entry #3 (Kelvin)
•
•
•
•
•
•
•
•
•
Max Address = 0x3CA
Table Entry #64 (mV) Table Entry #64 (Kelvin)
Custom Thermocouple Example
In this example, a simplified thermocouple curve is
implemented (see Figure 41). Points P1 to P9 represent
the normal operating range of the custom thermocouple.
Voltage readings above point P9 result in a soft fault and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com