Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 63 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 59Page - Analog Devices LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
LTC2984
63
2984fb
For more information www.linear.com/LTC2984
FAULT PROTECTION AND ANTI-ALIASING
The LTC2984 analog input channels draw a maximum of
1nA DC. As a result, it is possible to add anti-aliasing and
faultprotectioncircuitrydirectlytotheinputoftheLTC2984.
The most common input circuitry is a low pass filter with
1k to 10k resistance (limited by excitation current for
RTDs and thermistors) and a capacitor with 100pF – 0.1µf
capacitance. This circuit can be placed directly between
the thermocouples and 4-wire RTDs and the LTC2984.
In the case of 3-wire RTDs, mismatch errors between
the protection resistors can degrade the performance.
Thermistors requiring input projection should be tied to
the LTC2984 through a Kelvin type connection in order to
avoid errors due to the fault protection resistors.
2- AND 3-CYCLE CONVERSION MODES
The LTC2984 performs multiple internal conversions in
order to determine the sensor temperature. Normally, two
internal conversion cycles are required for each tempera-
ture result providing a maximum output time of 167.2ms.
The LTC2984 uses these two cycles to automatically
remove offset/offset drift errors, reduce 1/f noise, auto-
calibrate matched internal current sources, and provide
simultaneous 50/60Hz noise rejection.
Inadditiontoperformingtwoconversioncyclesperresult,
theLTC2984alsooffersseveraluniquefeaturesbyutilizing
a 3rd conversion cycle. In this case, the maximum output
time is 251ms and all the benefits of the 2-cycle modes
are present (see Table 68).
Onefeatureutilizingthethreeconversioncyclemodeisthe
internal open circuit detect mode. Typically, thermocouple
open circuit detection is performed by adding a high re-
sistance pull-up between the thermocouple and VDD. This
method can be used with the LTC2984 while operating
in the two conversion cycle mode (OC=0). This external
pull-up can interact with the input protection circuitry and
lead to temperature measurement errors and increased
noise. These problems are eliminated by selecting the
internal open circuit detection mode (OC=1). In this case,
a current is pulsed for 8ms and allowed to settle during
one conversion cycle. This is followed by the normal two
SUPPLEMENTAL INFORMATION
conversion cycle measurement of the thermocouple. If
the thermocouple is broken, the current pulse will result
in an open circuit fault.
A second feature taking advantage of the 3rd conversion
cycle is thermistor excitation current auto ranging. Since
a thermistor’s resistance varies many orders of magni-
tude, the performance in the low resistance regions are
compromised by the small currents required by the high
resistance regions of operation. The auto ranging mode
applies a test current during the first conversion cycle in
order to determine the optimum current for the resistance
state of the thermistor. It then uses that current to perform
the thermistor measurement using the normal 2-cycle
measurement.Ifa3-cyclethermistormeasurementisused
as the cold junction sensor for a 2-cycle thermocouple
measurement, the thermocouple conversion result is
ready after three cycles.
A third feature requiring a 3rd conversion cycle is the
three current diode measurement. In this mode, three
ratioed currents are applied to the external diode in order
to cancel parasitic lead resistance effects. This is useful
in applications where the diode is remotely located and
significant, unknown parasitic lead resistance requires
cancellation. If a 3-cycle diode or thermistor measure-
ment is used as the cold junction sensor for a 2-cycle
thermocouplemeasurement,thethermocoupleconversion
result is ready after three cycles.
Table 68. 2- and 3-Cycles Conversion Modes
TYPE OF SENSOR
CONFIGURATION
NUMBER OF
CONVERSION
CYCLES
MAXIMUM
OUTPUT TIME
Thermocouple
OC = 0
2
167.2ms
RTD
All
2
167.2ms
Thermistor
Non-Autorange
Current
2
167.2ms
Diode
Two Readings
2
167.2ms
Thermocouple
OC = 1
3
251ms
Thermocouple
OC = 0, 3-Cycle
Cold Junction
3
251ms
Thermistor
Autorange
Current
3
251ms
Diode
Three Readings
3
251ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com