Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 70 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices LTC2984 Datasheet HTML 69Page - Analog Devices LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices LTC2984 Datasheet HTML 73Page - Analog Devices LTC2984 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
LTC2984
70
2984fb
For more information www.linear.com/LTC2984
CUSTOM RTDS
convention shown in Table 79, where the first 14 bits
are the integer part and the remaining 10 bits are the
fractional part.
In this example, a custom RTD tied to CH12/13, with a
sense resistor on CH10/11, is programmed with the chan-
nel assignment data shown in Table 80 (refer to Figure 18
for a similar format). In this case, the custom data begins
at memory location 0x28C (starting address is 10). The
starting address (offset from 0x250) is entered in the
custom RTD data pointer field of the channel assignment
data. The table data length –1 (9 in this case) is entered
into the custom RTD data length field of the channel as-
signment word. Refer to Table 76 where the total number
of paired entries is 10.
Table 79. Example RTD Temperature Values
BYTE 1
BYTE 2
BYTE 3
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
Temperature 213 212 211 210 29
28
27
26
25
24
23
22
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10
112.3 0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
1
0
0
1
1
0
0
1
1
200.56 0
0
0
0
0
0
1
1
0
0
1
0
0
0
1
0
0
0
1
1
1
1
0
1
273.16 0
0
0
0
0
0
1
0
0
1
0
0
0
1
0
0
1
0
1
0
0
0
1
1
377.25 0
0
0
0
0
0
1
1
1
1
1
0
0
1
0
1
0
0
0
0
0
0
0
0
489.66 0
0
0
0
0
0
0
1
1
0
1
0
0
1
1
0
1
0
1
0
0
0
1
1
595.22 0
0
0
0
1
0
0
1
0
1
0
0
1
1
0
0
1
1
1
0
0
0
0
1
697.87 0
0
0
0
1
0
1
0
1
1
1
0
0
1
1
1
0
1
1
1
1
0
1
0
765.14 0
0
0
0
1
1
0
1
1
1
1
1
0
1
0
0
1
0
0
0
1
1
1
1
801.22 0
0
0
0
1
0
1
0
1
0
0
0
0
1
0
0
1
1
1
0
0
0
0
1
900.5 0
0
0
0
1
1
1
0
0
0
0
1
0
0
1
0
0
0
0
0
0
0
0
0
Table 80. Custom RTD Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 230
MEMORY
ADDRESS 231
MEMORY
ADDRESS 232
MEMORY
ADDRESS 233
(1) RTD Type
Custom
5
10010 1 0 0 1 0
(2) Sense Resistor
Channel Pointer
CH11
5
01011
0 1 0 1 1
(3) Sensor
Configuration
4-Wire, No
Rotate, No Share
4
1000
1 0 0 0
(4) Excitation Current
25µA
4
0011
0 0 1 1
(5) Curve
Not Used for
Custom
2
00
0 0
(6) Custom RTD Data
Pointer
Start Address
= 10
6
001010
0 0 1 0 1 0
(6) Custom RTD Data
Length-1
Data Length –1
= 9
10 Paired Entries
6
001001
0 0 1 0 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com