Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 76 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 76 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices LTC2984 Datasheet HTML 73Page - Analog Devices LTC2984 Datasheet HTML 74Page - Analog Devices LTC2984 Datasheet HTML 75Page - Analog Devices LTC2984 Datasheet HTML 76Page - Analog Devices LTC2984 Datasheet HTML 77Page - Analog Devices LTC2984 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
LTC2984
76
2984fb
For more information www.linear.com/LTC2984
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTC2984#packaging for the most recent package drawings.
LX48 LQFP 0113 REV A
0° – 7°
11° – 13°
0.45 – 0.75
1.00 REF
11° – 13°
9.00 BSC
A
A
7.00 BSC
1
2
7.00 BSC
9.00 BSC
48
1.60
MAX
1.35 – 1.45
0.05 – 0.15
0.09 – 0.20 0.50
BSC
0.17 – 0.27
GAUGE PLANE
0.25
NOTE:
1. PACKAGE DIMENSIONS CONFORM TO JEDEC #MS-026 PACKAGE OUTLINE
2. DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.25mm ON ANY SIDE, IF PRESENT
4. PIN-1 INDENTIFIER IS A MOLDED INDENTATION, 0.50mm DIAMETER
5. DRAWING IS NOT TO SCALE
SEE NOTE: 4
C0.30 – 0.50
R0.08 – 0.20
7.15 – 7.25
5.50 REF
1
2
5.50 REF
7.15 – 7.25
48
PACKAGE OUTLINE
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
SECTION A – A
0.50 BSC
0.20 – 0.30
1.30 MIN
LX Package
48-Lead Plastic LQFP (7mm
× 7mm)
(Reference LTC DWG # 05-08-1760 Rev A)
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com