Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 57 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 57 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 53Page - Analog Devices LTC2984 Datasheet HTML 54Page - Analog Devices LTC2984 Datasheet HTML 55Page - Analog Devices LTC2984 Datasheet HTML 56Page - Analog Devices LTC2984 Datasheet HTML 57Page - Analog Devices LTC2984 Datasheet HTML 58Page - Analog Devices LTC2984 Datasheet HTML 59Page - Analog Devices LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
LTC2984
57
2984fb
For more information www.linear.com/LTC2984
APPLICATIONS INFORMATION
Example: Shared/Rotated Differential Thermistor
The differential thermistor configuration allows separate
internal ground sensing for each sensor. In this configura-
tion, one sense resistor can be used for multiple thermis-
tors. Differential thermistors follow the convention shown
in Figure 31. Terminal 1 ties to CHTHERM and terminal 2
ties to CHTHERM-1 and the sense resistor. Channel assign-
ment data (see Table 54) is mapped to memory locations
corresponding to CHTHERM.
Figure 31. Thermistor with Shared RSENSE Channel
Assignment Convention
2984 F31
2
1
CHTHERM–1
CHTHERM
EXCITATION
CURRENT
FLOW
= CHTHERM (2 ≤ THERM ≤ 20)
2ND TERMINAL TIES TO SENSE RESISTOR
CHANNEL
ASSIGNMENT
Sense resistor channel assignments follow the general
convention shown in Figure 32. The sense resistor is tied
between CHRSENSEandCHRSENSE-1,whereCHSENSEistied
to the 2nd terminal of the thermistor. Channel assignment
data (see Table 37) is mapped into a memory location
corresponding to CHTHERM.
Figure 32. Sense Resistor Channel Assignment
Convention for Thermistors
2984 F32
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 20)
CHANNEL
ASSIGNMENT
Figure 33 shows a typical temperature measurement
system using a shared sense resistor and one rotated/
one non-rotated differential thermistors. In this example
a 30kΩ (44032 Type) thermistor is tied to a 10.0kΩ sense
resistor and configured as rotated/shared. The second
thermistor a 2.25kΩ (44004 Type) is configured as a
non-rotated/shared. Channel assignment data are shown
in Tables 64 to 66.
A conversion is initiated on CH18bywriting10010010into
memory location 0x000. Once the conversion is complete,
the INTERRUPT pin goes HIGH and memory location
0x000 becomes 01010010. The resulting temperature in
°C can be read from memory locations 0x054 to 0x057
(corresponding to CH16). A conversion can be initiated
and read from CH20 in a similar fashion.
Figure 33. Rotated and Shared Thermistor Example
2984 F33
THERMISTOR #1 ASSIGNED TO CH18 (CHTHERM=18)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x244 TO 0x247
RESULT MEMORY LOCATIONS 0x054 TO 0x057
100pF
CH17
CH16
CH15
CH18
CH19
CH20
THERMISTOR #2 ASSIGNED TO CH20 (CHTHERM=20)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x24C TO 0x24F
RESULT MEMORY LOCATIONS 0x05C TO 0x05F
SENSE RESISTOR ASSIGNED TO CH16 (CHSENSE=16)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x23C TO 0x23F
TYPE 44032
RSENSE
10k
100pF
2
1
100pF
TYPE 44033
100pF
2
1
100pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com