Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 34Page - Analog Devices LTC2984 Datasheet HTML 35Page - Analog Devices LTC2984 Datasheet HTML 36Page - Analog Devices LTC2984 Datasheet HTML 37Page - Analog Devices LTC2984 Datasheet HTML 38Page - Analog Devices LTC2984 Datasheet HTML 39Page - Analog Devices LTC2984 Datasheet HTML 40Page - Analog Devices LTC2984 Datasheet HTML 41Page - Analog Devices LTC2984 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
LTC2984
38
2984fb
For more information www.linear.com/LTC2984
Table 40. Channel Assignment Data for 2-Wire RTD #1 (PT-1000, RSENSE on CH16, 2-Wire, Shared RSENSE, 10µA Excitation Current,
α = 0.003916 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x244
MEMORY
ADDRESS 0x245
MEMORY
ADDRESS 0x246
MEMORY
ADDRESS 0x247
(1) RTD TYPE
PT-1000
5
01111 0 1 1 1 1
(2) Sense Resistor
Channel Pointer
CH16
5
10000
1 0 0 0 0
(3) Sensor
Configuration
2-Wire with
Shared RSENSE
4
0001
0 0 0 1
(4) Excitation
Current
10µA
4
0010
0 0 1 0
(5) Curve
Japanese,
α = 0.003916
2
10
1 0
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Figure 12. Shared 2-Wire RTD Example
RSENSE
5001.5
0.01µF
2984 F12
0.01µF
SENSE RESISTOR ASSIGNED TO CH16 (CHRSENSE=16)
RTD #1 ASSIGNED TO CH18 (CHRTD=18)
RTD #2 ASSIGNED TO CH20 (CHRTD=20)
CH20
CH19
CH16
CH15
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x23C TO 0x23F
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x244 TO 0x247
RESULT MEMORY LOCATIONS 0x054 TO 0x057
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x24C TO 0x24F
RESULT MEMORY LOCATIONS 0x05C TO 0x05F
0.01µF
0.01µF
CH17
CH18
0.01µF
0.01µF
2-WIRE PT-1000
2-WIRE NI-120
2
1
2
1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com