Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 5Page - Analog Devices LTC2984 Datasheet HTML 6Page - Analog Devices LTC2984 Datasheet HTML 7Page - Analog Devices LTC2984 Datasheet HTML 8Page - Analog Devices LTC2984 Datasheet HTML 9Page - Analog Devices LTC2984 Datasheet HTML 10Page - Analog Devices LTC2984 Datasheet HTML 11Page - Analog Devices LTC2984 Datasheet HTML 12Page - Analog Devices LTC2984 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
LTC2984
9
2984fb
For more information www.linear.com/LTC2984
TYPICAL PERFORMANCE CHARACTERISTICS
Adjacent Channel Offset Error vs
Input Fault Voltage (VDD = 5V)
Adjacent Channel Offset Error vs
Input Fault Voltage
CH1 FAULT VOLTAGE (V)
2984 G26
2.5
1.5
2.0
–0.5
0
0.5
1.0
4.95
5.05
5
5.1
5.2 5.25
5.15
5.3 5.35
CH1 FAULT VOLTAGE (V)
2984 G27
2.5
1.5
2.0
–0.5
0
0.5
1.0
0
–0.05 –0.1
–0.2 –0.25
–0.15
–0.3 –0.35
Offset vs Temperature
Noise vs Temperature
ISLEEP vs Temperature
One Shot Conversion Current vs
Temperature
VREFOUT vs Temperature
LTC2984 TEMPERATURE (°C)
2984 G20
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–50 –25
50
75
25
0
100 125
VDD = 5.25V
VDD = 4.1V
VDD = 2.85V
LTC2984 TEMPERATURE (°C)
2984 G21
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
50
0
25
–25
100
75
125
VDD = 5.25V
VDD = 4.1V
VDD = 2.85V
LTC2984 TEMPERATURE (°C)
2984 G22
60
50
40
30
20
10
0
–50 –25
50
75
25
0
100 125
VDD = 5.25V
VDD = 4.1V
VDD = 2.85V
LTC2984 TEMPERATURE (°C)
2984 G23
16.0
15.8
15.6
15.4
15.2
14.8
14.6
14.4
14.2
15.0
0
–50
50
25
0
–25
100
75
125
VDD = 5.25V
VDD = 4.1V
VDD = 2.85V
Channel Input Leakage Current vs
Temperature
Diode Error and Repeatability vs
Temperature
DIODE TEMPERATURE (°C)
2984 G19
1.0
0.8
0.6
–0.2
–0.4
–0.6
–0.8
0
0.2
0.4
–1.0
–40
20
80
140
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130
2.4995
2.49975
2.5
2.50025
2.5005
VREFOUT vs Temperature
2984 G24
125°C
90°C
25°C
–45°C
INPUT VOLTAGE (V)
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Temperature
2984 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com