Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 67 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices LTC2984 Datasheet HTML 69Page - Analog Devices LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
LTC2984
67
2984fb
For more information www.linear.com/LTC2984
In order to simplify the temperature field, temperature
values are input in Kelvin as an unsigned value, but the
final temperatures reported by the LTC2984 are reported
in °C or °F. The sensor temperature (Kelvin), follows the
convention shown in Table 74, where the first 14 bits
are the integer part and the remaining 10 bits are the
fractional part.
Inthisexample,acustomthermocoupletiedtoCH1,witha
coldjunctionsensoronCH2,isprogrammedwiththechan-
CUSTOM THERMOCOUPLES
Table 74. Example Thermocouple Temperature Values
BYTE 3
BYTE 4
BYTE 5
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
Temperature 213 212 211 210 29
28
27
26
25
24
23
22
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10
0 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
99.1 0
0
0
0
0
0
0
1
1
0
0
0
1
1
0
0
0
1
1
0
0
1
1
0
135.4 0
0
0
0
0
0
1
0
0
0
0
1
1
1
0
1
1
0
0
1
1
0
0
1
273.15 0
0
0
0
0
1
0
0
0
1
0
0
0
1
0
0
1
0
0
1
1
0
0
1
361.2 0
0
0
0
0
1
0
1
1
0
1
0
0
1
0
0
1
1
0
0
1
1
0
0
522.1 0
0
0
0
1
0
0
0
0
0
1
0
1
0
0
0
0
1
1
0
0
1
1
0
720.3 0
0
0
0
1
0
1
1
0
1
0
0
0
0
0
1
0
0
1
1
0
0
1
1
811.2 0
0
0
0
1
1
0
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
0
0
922.5 0
0
0
0
1
1
1
0
0
1
1
0
1
0
1
0
0
0
0
0
0
0
0
0
1000 0
0
0
0
1
1
1
1
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 75. Custom Thermocouple Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 200
MEMORY
ADDRESS 201
MEMORY
ADDRESS 202
MEMORY
ADDRESS 203
(1) Thermocouple
Type
Type Custom
5
01001 0 1 0 0 1
(2) Cold Junction
Channel Pointer
CH2
5
00010
0 0 0 1 0
(3) Sensor
Configuration
Single-Ended,
10µA Open Circuit
4
1100
1 1 0 0
Not Used
Set These Bits to 0
6
000000
0 0 0 0 0 0
(4) Custom
Thermocouple Data
Pointer
Start Address = 0
(Start at 0x250)
6
000000
0 0 0 0 0 0
Custom
Thermocouple Data
Length-1
Data Length –1
= 9
(10 Paired Entries)
6
001010
0 0 1 0 0 1
nel assignment data shown in Table 75 (refer to Figure 9
for similar format). In this case the custom data begins at
memory location 0x250 (starting address is 0). The start-
ing address (offset from 0x250) is entered in the custom
thermocouple data pointer field of the channel assignment
data. The table data length –1 (9 in this example) is entered
into the custom thermocouple data length field of the
thermocouplechannelassignmentword.RefertoTable72
where the number of six byte entries is 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com