Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 53 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 49Page - Analog Devices LTC2984 Datasheet HTML 50Page - Analog Devices LTC2984 Datasheet HTML 51Page - Analog Devices LTC2984 Datasheet HTML 52Page - Analog Devices LTC2984 Datasheet HTML 53Page - Analog Devices LTC2984 Datasheet HTML 54Page - Analog Devices LTC2984 Datasheet HTML 55Page - Analog Devices LTC2984 Datasheet HTML 56Page - Analog Devices LTC2984 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
LTC2984
53
2984fb
For more information www.linear.com/LTC2984
APPLICATIONS INFORMATION
Figure 25. Single-Ended Thermistor Channel Assignment
Convention
2984 F25
2
1
CHTHERM
COM
EXCITATION
CURRENT
FLOW
= CHTHERM (1 ≤ THERM ≤ 20)
2ND TERMINAL TIES TO SENSE RESISTOR (CHRSENSE)
CHANNEL
ASSIGNMENT
Figure 26. Sense Resistor Channel Assignment Convention
2984 F26
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 20)
CHANNEL
ASSIGNMENT
Figure 27. Single-Ended Thermistor Example
2984 F27
SENSE RESISTOR ASSIGNED TO CH4 (CHSENSE=4)
CH3
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x20C TO 0x20F
CH4
CH5
COM
THERMISTOR ASSIGNED TO CH5 (CHTHERM=5)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x210 TO 0x213
RESULT MEMORY LOCATIONS 0x020 TO 0x023
RSENSE
10.1k
100pF
100pF
TYPE 44031
100pF
2
1
Example: Single-Ended Thermistor
The simplest thermistor configuration is the single-ended
configuration. Thermistors using this configuration share
a common ground (COM) between all sensors and are
each tied to a unique sense resistor (RSENSE sharing is
not allowed for single-ended thermistors). Single-ended
thermistors follow the convention shown in Figure 25.
Terminal 1 ties to ground (COM) and terminal 2 ties to
CHTHERM and the sense resistor. Channel assignment
data (see Table 54) is mapped to memory locations cor-
responding to CHTHERM.
Sense resistor channel assignments follow the general
convention shown in Figure 26. The sense resistor is tied
betweenCHRSENSEandCHRSENSE-1,whereCHRSENSEistied
Figure 27 shows a typical temperature measurement
system using a single-ended thermistor. In this example
a 10kΩ (44031 type) thermistor is tied to a 10.1kΩ sense
resistor.ThethermistorisassignedchannelCH5(memory
locations 0x210 to 0x213) and the sense resistor to CH4
(memory locations 0x20C to 0x20F). Channel assignment
data are shown in Tables 60 and 61.
A conversion is initiated on CH5 by writing 10000101 into
memory location 0x000. Once the conversion is complete,
the INTERRUPT pin goes HIGH and memory location
0x000 becomes 01000101. The resulting temperature in
°C can be read from memory locations 0x020 to 0x023
(corresponding to CH5).
to the 2nd terminal of the thermistor. Channel assignment
data (see Table 37) is mapped into the memory location
corresponding to CHRSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com